Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7126H Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA7126H
Description  Digital video encoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7126H Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA7126H Datasheet HTML 3Page - NXP Semiconductors SAA7126H Datasheet HTML 4Page - NXP Semiconductors SAA7126H Datasheet HTML 5Page - NXP Semiconductors SAA7126H Datasheet HTML 6Page - NXP Semiconductors SAA7126H Datasheet HTML 7Page - NXP Semiconductors SAA7126H Datasheet HTML 8Page - NXP Semiconductors SAA7126H Datasheet HTML 9Page - NXP Semiconductors SAA7126H Datasheet HTML 10Page - NXP Semiconductors SAA7126H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
1999 May 31
7
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
Chrominance is modified in gain (programmable
separately for U and V), standard dependent burst is
inserted, before baseband colour signals are interpolated
from a 6.75 MHz data rate to a 27 MHz data rate. One of
the interpolation stages can be bypassed, thus providing a
higher colour bandwidth, which can be made use of for
Y and C output. The transfer characteristics of the
chrominance interpolation filter are illustrated in
Figs 3 and 4.
The amplitude, beginning and ending of the inserted burst,
is programmable in a certain range that is suitable for
standard signals and for special effects. Behind the
succeeding quadrature modulator, colour in 10-bit
resolution is provided on the subcarrier.
The numeric ratio between the Y and C outputs is in
accordance with set standards.
TELETEXT INSERTION AND ENCODING
Pin TTX receives a WST or NABTS teletext bitstream
sampled at the LLC clock. Two protocols are provided: at
each rising edge of output signal (TTXRQ) a single teletext
bit has to be provided after a programmable delay at input
pin TTX. Or: the signal TTXRQ performs only a single
LOW-to-HIGH transition and remains at HIGH level for
360, 296 or 288 teletext bits, depending on the chosen
standard.
Phase variant interpolation is achieved on this bitstream in
the internal teletext encoder, providing sufficient small
phase jitter on the output text lines.
TTXRQ provides a fully programmable request signal to
the teletext source, indicating the insertion period of
bitstream at lines which are selectable independently for
both fields. The internal insertion window for text is set
to 360 (PAL-WST), 296 (NTSC-WST) or 288 (NABTS)
teletext bits including clock run-in bits. The protocol and
timing are illustrated in Fig.14.
VIDEO PROGRAMMING SYSTEM (VPS) ENCODING
Five bytes of VPS information can be loaded via the
I2C-bus and will be encoded in the appropriate format into
line 16.
CLOSED CAPTION ENCODER
Using this circuit, data in accordance with the specification
of closed caption or extended data service, delivered by
the control interface, can be encoded (line 21).
Two dedicated pairs of bytes (two bytes per field), each
pair preceded by run-in clocks and framing code, are
possible.
The actual line number where data is to be encoded in, can
be modified in a certain range.
The data clock frequency is in accordance with the
definition for NTSC-M standard 32 times horizontal line
frequency.
Data LOW at the output of the DACs corresponds to 0 IRE,
data HIGH at the output of the DACs corresponds to
approximately 50 IRE.
It is also possible to encode closed caption data for 50 Hz
field frequencies at 32 times the horizontal line frequency.
ANTI-TAPING (SAA7126H ONLY)
For more information contact your nearest Philips
Semiconductors sales office.
RGB processor
This block contains a dematrix in order to produce red,
green and blue signals to be fed to a SCART plug.
Before Y, Cb and Cr signals are de-matrixed, individual
gain adjustment for Y and colour difference signals and
2 times oversampling for luminance and 4 times
oversampling for colour difference signals is performed.
The transfer curves of luminance and colour difference
components of RGB are illustrated in Figs 7 and 8.
Output interface/DACs
In the output interface, encoded Y and C signals are
converted from digital-to-analog in a 10-bit resolution.
Y and C signals are also combined to a 10-bit CVBS
signal.
The CVBS output occurs with the same processing delay
(equal to 51 LLC clock periods, measured from MP input
to the analog outputs) as the Y, C and RGB outputs.
Absolute amplitude at the input of the DAC for CVBS is
reduced by 15
16 with respect to Y and C DACs to make
maximum use of conversion ranges.
Red, green and blue signals are also converted from
digital-to-analog, each providing a 9-bit resolution.
Outputs of the DACs can be set together via software
control to minimum output voltage (approximately 0.2 V
DC) for either purpose. Alternatively, the buffers can be
switched into 3-state output condition; this allows for ‘wired
AND’ing with other 3-state outputs and can also be used
as a power-save mode.


Similar Part No. - SAA7126H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7120 PHILIPS-SAA7120 Datasheet
225Kb / 32P
   Digital Video Encoder (ConDENC)
1997 Jan 06
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
   Digital video encoder
2002 Oct 11
SAA7120H-01 PHILIPS-SAA7120H-01 Datasheet
225Kb / 32P
   Digital Video Encoder (ConDENC)
1997 Jan 06
SAA7121 PHILIPS-SAA7121 Datasheet
225Kb / 32P
   Digital Video Encoder (ConDENC)
1997 Jan 06
SAA7121H PHILIPS-SAA7121H Datasheet
156Kb / 36P
   Digital video encoder
2002 Oct 11
More results

Similar Description - SAA7126H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com