Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7121 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7121
Description  Digital Video Encoder (ConDENC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7121 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7121 Datasheet HTML 1Page - NXP Semiconductors SAA7121 Datasheet HTML 2Page - NXP Semiconductors SAA7121 Datasheet HTML 3Page - NXP Semiconductors SAA7121 Datasheet HTML 4Page - NXP Semiconductors SAA7121 Datasheet HTML 5Page - NXP Semiconductors SAA7121 Datasheet HTML 6Page - NXP Semiconductors SAA7121 Datasheet HTML 7Page - NXP Semiconductors SAA7121 Datasheet HTML 8Page - NXP Semiconductors SAA7121 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1997 Jan 06
2
Philips Semiconductors
Preliminary specification
Digital Video Encoder (ConDENC)
SAA7120; SAA7121
FEATURES
• Monolithic CMOS 3.3 V (5 V) device
• Digital PAL/NTSC encoder
• System pixel frequency 13.5 MHz
• Accepts MPEG decoded data on 8-bit wide input port;
input data format Cb-Y-Cr (CCIR 656), SAV and EAV
• Three DACs for Y, C and CVBS, two times oversampled
with 10 bit resolution
• Real time control of subcarrier
• Cross colour reduction filter
• Closed captioning encoding and WST- and
NABTS-Teletext encoding including sequencer and filter
• Line 23 wide screen signalling encoding
• Fast I2C-bus control port (400 kHz)
• Encoder can be master or slave
• Programmable horizontal and vertical input
synchronization phase
• Programmable horizontal sync output phase
• Internal colour bar generator (CBG)
• 2 × 2 bytes in lines 20 (NTSC) for copy guard
management system can be loaded via I2C-bus
• Down-mode of DACs
• Controlled rise/fall times of synchronization and
blanking output signals
• Macrovision Pay-per-View copy protection system rev.7
and rev.6.1 as option.
This applies to SAA7120 only. The device is protected
by USA patent numbers 4631603, 4577216 and
4819098 and other intellectual property rights. Use of
the Macrovision anti-copy process in the device is
licensed for non-commercial home use only.
Reverse engineering or disassembly is prohibited.
Please contact your nearest Philips Semiconductors
sales office for more information.
• QFP44 package.
GENERAL DESCRIPTION
The SAA7120; SAA7121 encodes digital YUV video data
to an NTSC or PAL CVBS or S-Video signal.
The circuit accepts CCIR compatible YUV data with
720 active pixels per line in 4:2:2 multiplexed formats,
for example MPEG decoded data. It includes a sync/clock
generator and on-chip DACs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
3.1
3.3
3.5
V
VDDD
digital supply voltage
3.0
3.3
3.6
V
IDDA
analog supply current
−−
62
mA
IDDD
digital supply current
−−
38
mA
Vi
input signal voltage levels
TTL compatible
Vo(p-p)
analog output signal voltages Y, C, and CVBS without load
(peak-to-peak value)
1.2
1.35
1.45
V
RL
load resistance
75
300
ILE
LF integral linearity error
−−±3
LSB
DLE
LF differential linearity error
−−±1
LSB
Tamb
operating ambient temperature
0
+70
°C


Similar Part No. - SAA7121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7121H PHILIPS-SAA7121H Datasheet
156Kb / 36P
   Digital video encoder
2002 Oct 11
More results

Similar Description - SAA7121

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com