Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7118H Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA7118H
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7118H Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA7118H Datasheet HTML 3Page - NXP Semiconductors SAA7118H Datasheet HTML 4Page - NXP Semiconductors SAA7118H Datasheet HTML 5Page - NXP Semiconductors SAA7118H Datasheet HTML 6Page - NXP Semiconductors SAA7118H Datasheet HTML 7Page - NXP Semiconductors SAA7118H Datasheet HTML 8Page - NXP Semiconductors SAA7118H Datasheet HTML 9Page - NXP Semiconductors SAA7118H Datasheet HTML 10Page - NXP Semiconductors SAA7118H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 169 page
background image
2001 May 30
7
Philips Semiconductors
Preliminary specification
Multistandard video decoder with adaptive
comb filter and component video input
SAA7118
7
PINNING
SYMBOL
PIN
TYPE(1)
DESCRIPTION
QFP160 BGA156
DNC6
1
B2
O
do not connect, reserved for future extensions and for testing
AI41
2
B1
I
analog input 41
AGND
3
C2
P
analog ground
VSSA4
4
C1
P
ground for analog inputs AI4x
AI42
5
D2
I
analog input 42
AI4D
6
D3
I
differential input for ADC channel 4 (pins AI41 to AI44)
AI43
7
D1
I
analog input 43
VDDA4
8
D4
P
analog supply voltage for analog inputs AI4x (3.3 V)
VDDA4A
9
E2
P
analog supply voltage for analog inputs AI4x (3.3 V)
AI44
10
E1
I
analog input 44
AI31
11
E3
I
analog input 31
VSSA3
12
E4
P
ground for analog inputs AI3x
AI32
13
F2
I
analog input 32
AI3D
14
F1
I/O
differential input for ADC channel 3 (pins AI31 to AI34)
AI33
15
F3
I
analog input 33
VDDA3
16
F4
P
analog supply voltage for analog inputs AI3x (3.3 V)
VDDA3A
17
G2
P
analog supply voltage for analog inputs AI3x (3.3 V)
AI34
18
G1
I
analog input 34
AI21
19
G4
I
analog input 21
VSSA2
20
H3
P
ground for analog inputs AI2x
AI22
21
G3
I
analog input 22
AI2D
22
H1
I
differential input for ADC channel 2 (pins AI24 to AI21)
AI23
23
H2
I
analog input 23
VDDA2
24
H4
P
analog supply voltage for analog inputs AI2x
VDDA2A
25
J1
P
analog supply voltage for analog inputs AI2x
AI24
26
J3
I
analog input 24
AI11
27
J2
I
analog input 11
VSSA1
28
J4
P
ground for analog inputs AI1x
AI12
29
K1
I
analog input 12
AI1D
30
K3
I
differential input for ADC channel 1 (pins AI14 to AI11)
AI13
31
K2
I
analog input 13
VDDA1
32
K4
P
analog supply voltage for analog inputs AI1x (3.3 V)
VDDA1A
33
L1
P
analog supply voltage for analog inputs AI1x (3.3 V)
AI14
34
L3
I
analog input 14
AGNDA
35
L2
P
analog signal ground
AOUT
36
M1
O
analog test output (do not connect)
VDDA0
37
M3
P
analog supply voltage (3.3 V) for internal clock generation circuit
VSSA0
38
M2
P
ground for internal Clock Generation Circuit (CGC)


Similar Part No. - SAA7118H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7110A PHILIPS-SAA7110A Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AH PHILIPS-SAA7111AH Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
More results

Similar Description - SAA7118H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com