Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3819M5-5-0 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX3819M5-5-0
Description  500mA, Low-Noise LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3819M5-5-0 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX3819M5-5-0 Datasheet HTML 1Page - Sipex Corporation SPX3819M5-5-0 Datasheet HTML 2Page - Sipex Corporation SPX3819M5-5-0 Datasheet HTML 3Page - Sipex Corporation SPX3819M5-5-0 Datasheet HTML 4Page - Sipex Corporation SPX3819M5-5-0 Datasheet HTML 5Page - Sipex Corporation SPX3819M5-5-0 Datasheet HTML 6Page - Sipex Corporation SPX3819M5-5-0 Datasheet HTML 7Page - Sipex Corporation SPX3819M5-5-0 Datasheet HTML 8Page - Sipex Corporation SPX3819M5-5-0 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Jun 5-07 Rev E
SPX3819 500mA, Low Noise LDO Voltage Regulator
© 2007 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Ground Current vs Load Current
Ground Current vs Input Voltage
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
100
200
300
400
500
IL (mA)
3.3V Device
VIN= 4.3V
CL = 1.0µF
160
150
140
130
120
100
90
80
70
60
4
8
10
12
14
16
VIN (V)
3.3V Device
CL= 1.0µF
IL = 100µA
Ground Current vs Load Current in Dropout
Output Voltage vs Input Voltage
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0.0
0
100
200
300
400
500
IL (mA)
3.3V Device
VIN= 4.3V
CL = 1.0µF
3.350
3.345
3.340
3.335
3.330
3.325
3.320
3.315
3.305
3.300
3.295
3.290
4
6
8
10
12
14
16
VIN (V)
3.3V Device
CL= 1.0µF
IL = 100µA
3.310
6


Similar Part No. - SPX3819M5-5-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819M5-5.0 SIPEX-SPX3819M5-5.0 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
SPX3819M5-5.0 SIPEX-SPX3819M5-5.0 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
SPX3819M5-5.0/TR SIPEX-SPX3819M5-5.0/TR Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX3819M5-5-0

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com