Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7118 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7118
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7118 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7118 Datasheet HTML 7Page - NXP Semiconductors SAA7118 Datasheet HTML 8Page - NXP Semiconductors SAA7118 Datasheet HTML 9Page - NXP Semiconductors SAA7118 Datasheet HTML 10Page - NXP Semiconductors SAA7118 Datasheet HTML 11Page - NXP Semiconductors SAA7118 Datasheet HTML 12Page - NXP Semiconductors SAA7118 Datasheet HTML 13Page - NXP Semiconductors SAA7118 Datasheet HTML 14Page - NXP Semiconductors SAA7118 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 169 page
background image
2001 May 30
11
Philips Semiconductors
Preliminary specification
Multistandard video decoder with adaptive
comb filter and component video input
SAA7118
Notes
1. I = input, O = output, P = power, NC = not connected, st = strapping, pu = pull-up, pd = pull-down, od = open-drain.
2. In accordance with the
“IEEE1149.1” standard the pads TDI, TMS, TCK and TRST are input pads with an internal
pull-up transistor and TDO is a 3-state output pad.
3. For board design without boundary scan implementation connect the TRST pin to ground.
4. This pin provides easy initialization of the Boundary Scan Test (BST) circuit. TRST can be used to force the Test
Access Port (TAP) controller to the TEST_LOGIC_RESET state (normal operation) at once.
5. Pin strapping is done by connecting the pin to the supply via a 3.3 k
Ω resistor. During the power-up reset sequence
the corresponding pins are switched to input mode to read the strapping level. For the default setting no strapping
resistor is necessary (internal pull-down).
XPD3
134
B9
I/O
MSB
− 4 of expansion port data
XPD2
135
A9
I/O
MSB
− 5 of expansion port data
VDDD11
136
M8
P
digital supply voltage 11 (peripheral cells)
VSSD11
137
L8
P
digital ground 11 (peripheral cells)
XPD1
138
B8
I/O
MSB
− 6 of expansion port data
XPD0
139
A8
I/O
LSB of expansion port data
XRV
140
D8
I/O
vertical reference I/O expansion port
XRH
141
C7
I/O
horizontal reference I/O expansion port
VDDD12
142
M9
P
digital supply voltage 12 (core)
XCLK
143
A7
I/O
clock I/O expansion port
XDQ
144
B7
I/O
data qualifier for expansion port
VSSD12
145
L9
P
digital ground 12 (core)
XRDY
146
A6
O
task flag or ready signal from scaler, controlled by XRQT
TRST
147
C6
I/pu
test reset input (active LOW), for boundary scan test (with internal pull-up);
notes 2, 3 and 4
TCK
148
B6
I/pu
test clock for boundary scan test; note 2
TMS
149
D6
I/pu
test mode select input for boundary scan test or scan test; note 2
TDO
150
A5
O
test data output for boundary scan test; note 2
VDDD13
151
M11
P
digital supply voltage 13 (peripheral cells)
TDI
152
B5
I/pu
test data input for boundary scan test; note 2
VSSD13
153
L11
P
digital ground 13 (peripheral cells)
VSS(xtal)
154
A4
P
ground for crystal oscillator
XTALI
155
B4
I
input terminal for 24.576 MHz (32.11 MHz) crystal oscillator or connection
of external oscillator with TTL compatible square wave clock signal
XTALO
156
A3
O
24.576 MHz (32.11 MHz) crystal oscillator output; not connected if TTL
clock input of XTALI is used
VDD(xtal)
157
B3
P
supply voltage for crystal oscillator
XTOUT
158
A2
O
crystal oscillator output signal; auxiliary signal
DNC9
159
C3
NC
do not connect, reserved for future extensions and for testing
DNC10
160
C4
NC
do not connect, reserved for future extensions and for testing
SYMBOL
PIN
TYPE(1)
DESCRIPTION
QFP160 BGA156


Similar Part No. - SAA7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7110A PHILIPS-SAA7110A Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AH PHILIPS-SAA7111AH Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
More results

Similar Description - SAA7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com