Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7118 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7118
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7118 Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7118 Datasheet HTML 1Page - NXP Semiconductors SAA7118 Datasheet HTML 2Page - NXP Semiconductors SAA7118 Datasheet HTML 3Page - NXP Semiconductors SAA7118 Datasheet HTML 4Page - NXP Semiconductors SAA7118 Datasheet HTML 5Page - NXP Semiconductors SAA7118 Datasheet HTML 6Page - NXP Semiconductors SAA7118 Datasheet HTML 7Page - NXP Semiconductors SAA7118 Datasheet HTML 8Page - NXP Semiconductors SAA7118 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 169 page
background image
2001 May 30
5
Philips Semiconductors
Preliminary specification
Multistandard video decoder with adaptive
comb filter and component video input
SAA7118
It is a highly integrated circuit for desktop video and similar
applications. The decoder is based on the principle of
line-locked clock decoding and is able to decode the colour
of PAL, SECAM and NTSC signals into ITU 601
compatible colour component values. The SAA7118
accepts CVBS or S-video (Y/C) as analog inputs from TV
or VCR sources, including weak and distorted signals as
well as baseband component signals Y-PB-PR or RGB. An
expansion port (X-port) for digital video (bidirectional half
duplex, D1 compatible) is also supported to connect to
MPEG or video phone codec. At the so called image port
(I-port) the SAA7118 supports 8 or 16-bit wide output data
with auxiliary reference data for interfacing to VGA
controllers.
The target application for the SAA7118 is to capture and
scale video images, to be provided as digital video stream
through the image port of a VGA controller, for capture to
system memory, or just to provide digital baseband video
to any picture improvement processing.
The SAA7118 also provides a means for capturing the
serially coded data in the vertical blanking interval
(VBI-data). Two principal functions are available:
1. To capture raw video samples, after interpolation to
the required output data rate, via the scaler
2. A versatile data slicer (data recovery) unit.
The SAA7118 also incorporates field-locked audio clock
generation. This function ensures that there is always the
same number of audio samples associated with a field, or
a set of fields. This prevents the loss of synchronization
between video and audio during capture or playback.
All of the ADCs may be used to digitize a VSB signal for
subsequent decoding; a dedicated output port and a
selectable VSB clock input is provided.
The circuit is I2C-bus controlled (full write/read capability
for all programming registers, bit rate up to 400 kbits/s).
4
QUICK REFERENCE DATA
Note
1. Power dissipation is measured in component mode (four ADCs active) and 8-bit image port output mode, expansion
port is 3-stated.
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
3.0
3.3
3.6
V
VDDDC
digital core supply voltage
3.0
3.3
3.6
V
VDDA
analog supply voltage
3.1
3.3
3.5
V
Tamb
ambient temperature
0
70
°C
PA+D
analog and digital power dissipation
note 1
1.1
1.35
W
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7118E
BGA156
plastic ball grid array package; 156 balls; body 15
× 15 × 1.15 mm
SOT472-1
SAA7118H
QFP160
plastic quad flat package; 160 leads (lead length 1.6 mm);
body 28
× 28 × 3.4 mm; high stand-off height
SOT322-2


Similar Part No. - SAA7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7110A PHILIPS-SAA7110A Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AH PHILIPS-SAA7111AH Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
More results

Similar Description - SAA7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com