Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C322C109F2U5HA Datasheet(PDF) 11 Page - Kemet Corporation

Part # C322C109F2U5HA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C322C109F2U5HA Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C322C109F2U5HA Datasheet HTML 3Page - Kemet Corporation C322C109F2U5HA Datasheet HTML 4Page - Kemet Corporation C322C109F2U5HA Datasheet HTML 5Page - Kemet Corporation C322C109F2U5HA Datasheet HTML 6Page - Kemet Corporation C322C109F2U5HA Datasheet HTML 7Page - Kemet Corporation C322C109F2U5HA Datasheet HTML 8Page - Kemet Corporation C322C109F2U5HA Datasheet HTML 9Page - Kemet Corporation C322C109F2U5HA Datasheet HTML 10Page - Kemet Corporation C322C109F2U5HA Datasheet HTML 11Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
41
CERAMIC LEADED
PACKAGING INFORMATION
KEMET
Series
Military
Style
Military
Specification
Standard (1)
Bulk
Quantity
Ammo Pack
Quantity
Maximum
Maximum
Reel
Quantity
Reel
Size
C114C-K-G
CK12, CC75
MIL-C-11015/
200/Box
5000
12"
C124C-K-G
CK13, CC76
MIL-PRF-20
200/Box
5000
12"
C192C-K-G
CK14, CC77
100/Box
3000
12"
C202C-K
CK15
25/Box
500
12"
C222C-K
CK16
10/Tray
300
12"
C052C-K-G
CK05, CC05
100/Bag
2000
2000
12"
C062C-K-G
CK06, CC06
100/Bag
1500
1500
12"
C114G
CCR75
MIL-PRF-20
200/Box
5000
12"
C124G
CCR76
200/Box
5000
12"
C192G
CCR77
100/Box
3000
12"
C202G
CC78-CCR78
25/Box
500
12"
C222G
CC79-CCR79
10/Tray
300
12"
C052/56G
CCR05
100/Bag
1700
12"
C062/66G
CCR06
100/Bag
1500
12"
C512G
CC07-CCR07
Footnote (2)
N/A
N/A
C522G
CC08-CCR08
Footnote (2)
N/A
N/A
C114T
CKR11
MIL-PRF-39014
200/Box
5000
12"
C124T
CKR12
200/Box
5000
12"
C192T
CKR14
100/Box
3000
12"
C202T
CKR15
25/Box
500
12"
C222T
CKR16
10/Tray
300
12"
C052/56T
CKR05
100/Bag
1700
12"
C062/66T
CKR06
100/Bag
1500
12"
C31X
500/Bag
2500
2500
12"
C32X
500/Bag
2500
2500
12"
C33X
250/Bag
1500
1500
12"
C340
100/Bag
1000
1000
12"
C350
50/Bag
N/A
N/A
N/A
C410
300/Box
4000
5000
12"
C412
200/Box
4000
5000
12"
C420
300/Box
4000
5000
12"
C430
200/Box
2000
2500
12"
C440
200/Box
2000
2500
12"
C512
N/A
N/A
Footnote (2)
N/A
N/A
C522
N/A
N/A
Footnote (2)
N/A
N/A
C617
500/Bag
C622/C623
500/Bag
C627/C628
500/Bag
C630/C631
250/Bag
C637/C638
250/Bag
C640/C641
100/Bag
C642/C643
100/Bag
C647/C648
100/Bag
C657/C658
50/Bag
C667/C668
50/Bag
CERAMIC PACKAGING
NOTE: (1) Standard packaging refers to number of pieces per bag, tray or vial.
(2) Quantity varies. For further details, please consult the factory.


Similar Part No. - C322C109F2U5HA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C100J2G5TA KEMET-C322C100J2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 10 pF, 5%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C101F1G5TA KEMET-C322C101F1G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic, 100 pF, /-1% Tol, 100 V, C0G, Lead Spacing=0.2"||" "918070
SOLENOID PRODUCT SPECIFICATION
C322C101G1G5TA KEMET-C322C101G1G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 100 pF, 2%, 100 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C101J1G5TA KEMET-C322C101J1G5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 100 pF, 5%, 100 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C101J2G5TA KEMET-C322C101J2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 100 pF, 5%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
More results

Similar Description - C322C109F2U5HA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com