Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29152T5 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX29152T5
Description  1.5A Low Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29152T5 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX29152T5 Datasheet HTML 1Page - Sipex Corporation SPX29152T5 Datasheet HTML 2Page - Sipex Corporation SPX29152T5 Datasheet HTML 3Page - Sipex Corporation SPX29152T5 Datasheet HTML 4Page - Sipex Corporation SPX29152T5 Datasheet HTML 5Page - Sipex Corporation SPX29152T5 Datasheet HTML 6Page - Sipex Corporation SPX29152T5 Datasheet HTML 7Page - Sipex Corporation SPX29152T5 Datasheet HTML 8Page - Sipex Corporation SPX29152T5 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Rev A 8/5/06
SP2950/5/52/53 .5A Low Dropout voltage Regulator
© Copyright 2006 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range........................-65°C to +150°C
Operating Junction Temperature Range......-40°C to +125°C
Input Voltage (Note 7)......................................................6v
ELECTRICAL CHARACTERISTICS
at vin=vout + 1V and Iout = 10mA, Cin = 6.8µF, Cout = 10µF, Ta = 25°C, unless otherwise specified. The
Boldface
applies over the junction temperature range. Adjustable versions are set to 5.0V.
PARAMETER
CONDITIONS
Typ
SPX29150/51
Min
Max
Units
1.8V Version
output voltage
iout = 10mA
10mA ≤ Iout ≤ 1.5A, 2.5V ≤ Vin ≤ 16V
.8
1.8
1.782
1.764
.88
1.836
v
2.5V Version
output voltage
iout = 10mA
10mA ≤I
≤Iiout≤1.5A, 3.5V≤V
1.5A, 3.5V≤V
≤V
vin ≤16V
6v
2.5
2.5
2.475
2.450
2.525
2.550
v
3.3V Version
output voltage
iout = 10mA
10mA ≤I
≤Iiout≤1.5A, 4.3V≤V
1.5A, 4.3V≤V
≤V
vin ≤16V
6v
3.3
3.3
3.267
3.234
3.333
3.366
v
5.0V Version
output voltage
iout = 10mA
10mA ≤I
≤Iiout≤1.5A, 6.0V≤V
1.5A, 6.0V≤V
≤V
vin ≤16V
6v
5.0
5.0
4.950
4.900
5.050
5.100
v
All Voltage Options
SPX29150/51/52/53
Line Regulation
io = 10mA, (Vout + 1V) ≤ V
≤ V
vin ≤ 16V
6v
0.
0.5
%
Load Regulation
vin = vout + 1V, 10mA ≤ Iout≤ Ifull-
load
0.2

%
∆V
output voltage
Temperature Coefficient
13
100
ppm/°C
∆T
Dropout Voltage (Note 1)
(except 1.8V version)
io = 100mA
70
200
mV
io = 750mA
230
io = .5A
390
600
Ground Current (Note 3)
io = 750mA, Vin = vout, +1V
io = .5A
2
45
25
mA
ignddo Ground Pin Cur-
rent at Dropout
vin = 0.1V less than specified Vout
iout = 10mA
0.9
mA
Current Limit
vout = 0.0V (Note 2)
2.2
1.7
A
Output Noise Voltage
(10Hz to 100kHz)
il = 100mA
Cl = 0µf
Cl = 33µf
400
260
µvrms
Reference Voltage
Adjustable version only
1.240
.228
1.215
.252
1.265
v
Reference Voltage
Adjustable version only (Note 8)
.203
1.277
Adjust Pin
Bias Current
40
80
120
nA
Reference Voltage Tem-
perature
Coefficient
(Note 4)
3
ppm/°C
Adjust Pin Bias
Current Temperature
Coefficient
0.
nA/°C
Flag Output (Error Comparator) SPX29151/53
Output Leakage Current
voh=6v
0.
.00
2.00
UA
output Low voltage
Device set for 5V, Vin=4.5V,
iol=250µA
200
300
400
mV


Similar Part No. - SPX29152T5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29152T5 SIPEX-SPX29152T5 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29152T5/TR SIPEX-SPX29152T5/TR Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results

Similar Description - SPX29152T5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815AT-L SIPEX-SPX2815AT-L Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com