Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7113H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7113H
Description  9-bit video input processor
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7113H Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7113H Datasheet HTML 1Page - NXP Semiconductors SAA7113H Datasheet HTML 2Page - NXP Semiconductors SAA7113H Datasheet HTML 3Page - NXP Semiconductors SAA7113H Datasheet HTML 4Page - NXP Semiconductors SAA7113H Datasheet HTML 5Page - NXP Semiconductors SAA7113H Datasheet HTML 6Page - NXP Semiconductors SAA7113H Datasheet HTML 7Page - NXP Semiconductors SAA7113H Datasheet HTML 8Page - NXP Semiconductors SAA7113H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
1999 Jul 01
4
Philips Semiconductors
Product specification
9-bit video input processor
SAA7113H
3
GENERAL DESCRIPTION
The 9-bit video input processor is a combination of a
two-channel analog preprocessing circuit including source
selection, anti-aliasing filter and ADC, an automatic clamp
and gain control, a Clock Generation Circuit (CGC), a
digital multi-standard decoder (PAL BGHI, PAL M, PAL N,
combination PAL N, NTSC M, NTSC-Japan, NTSC N and
SECAM), a brightness, contrast and saturation control
circuit, a multi-standard VBI data slicer and a 27 MHz
VBI data bypass; see Fig.1.
The pure 3.3 V (5 V compatible) CMOS circuit SAA7113H,
analog front-end and digital video decoder, is a highly
integrated circuit for desktop video applications.
The decoder is based on the principle of line-locked clock
decoding and is able to decode the colour of PAL, SECAM
and NTSC signals into CCIR-601 compatible colour
component values. The SAA7113H accepts as analog
inputs CVBS or S-video (Y/C) from TV or VTR sources.
The circuit is I2C-bus controlled.
The integrated high performance multi-standard data
slicer supports several VBI data standards:
• Teletext [WST (World Standard Teletext), CCST
(Chinese teletext)] (625 lines)
• Teletext [US-WST, NABTS (North-American Broadcast
Text System) and MOJI (Japanese teletext)] (525 lines)
• Closed caption [Europe, US (line 21)]
• Wide Screen Signalling (WSS)
• Video Programming Signal (VPS)
• Time codes (VITC EBU/SMPTE)
• HIGH-speed VBI data bypass for intercast application.
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
3.0
3.3
3.6
V
VDDA
analog supply voltage
3.1
3.3
3.5
V
Tamb
operating ambient temperature
0
25
70
°C
PA+D
analog and digital power dissipation
0.4
W
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7113H QFP44 plastic quad flat package; 44 leads (lead length 1.3 mm); body 10
× 10 × 1.75 mm SOT307-2


Similar Part No. - SAA7113H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7110A PHILIPS-SAA7110A Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AH PHILIPS-SAA7111AH Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
More results

Similar Description - SAA7113H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
logo
AverLogic Technologies ...
AL37219 AVERLOGIC-AL37219 Datasheet
55Kb / 2P
   9 Channel Video Surveillance processor
logo
NXP Semiconductors
SAA7144HL NXP-SAA7144HL Datasheet
323Kb / 64P
   Quadruple video input processor
Rev. 01-21 April 2005
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
   Audio video input processor
Rev. 03-23 August 2004
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
NXP Semiconductors
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
   VIDEO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com