Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3819R2-L-1-8 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX3819R2-L-1-8
Description  500mA, Low-Noise LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3819R2-L-1-8 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SPX3819R2-L-1-8 Datasheet HTML 4Page - Sipex Corporation SPX3819R2-L-1-8 Datasheet HTML 5Page - Sipex Corporation SPX3819R2-L-1-8 Datasheet HTML 6Page - Sipex Corporation SPX3819R2-L-1-8 Datasheet HTML 7Page - Sipex Corporation SPX3819R2-L-1-8 Datasheet HTML 8Page - Sipex Corporation SPX3819R2-L-1-8 Datasheet HTML 9Page - Sipex Corporation SPX3819R2-L-1-8 Datasheet HTML 10Page - Sipex Corporation SPX3819R2-L-1-8 Datasheet HTML 11Page - Sipex Corporation SPX3819R2-L-1-8 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Jun 5-07 Rev E
SPX3819 500mA, Low Noise LDO Voltage Regulator
© 2007 Sipex Corporation
PACKAGE: PINOUTS
PACKAGE: PIN DESCRIPTION
#
n
i
P
C
I
O
S
n
#
n
i
P
N
F
D
#
n
i
P
3
-
T
O
S
e
m
a
N
n
i
P
n
o
i
t
p
i
r
c
s
e
D
2
3
1
V
N
I
t
u
p
n
I
y
l
p
p
u
S
8
-
5
7
2
D
N
G
d
n
u
o
r
G
3
5
5
V
T
U
O
t
u
p
t
u
O
r
o
t
a
l
u
g
e
R
1
1
3
N
E
e
l
b
i
t
a
p
m
o
c
S
O
M
C
.
)
t
u
p
n
i
(
e
l
b
a
n
E
;
e
l
b
a
n
e
=
h
g
i
h
c
i
g
o
L
.
t
u
p
n
i
l
o
r
t
n
o
c
n
w
o
d
t
u
h
s
=
n
e
p
o
r
o
w
o
l
c
i
g
o
l
4
8
4
P
Y
B
/
J
D
A
.
t
u
p
n
i
k
c
a
b
d
e
e
F
.
)
t
u
p
n
i
(
t
s
u
j
d
A
r
e
d
i
v
i
d
-
e
g
a
t
l
o
v
e
v
i
t
s
i
s
e
r
o
t
t
c
e
n
n
o
C
k
r
o
w
t
e
n
-
6
,
4
-
C
N
t
c
e
n
n
o
C
o
N
SPX3819
8 Pin DFN
EN
NC
NC
NC
VIN
ADJ/BYP
VOUT
GND
5
6
7
8
1
2
3
4
1
2
3
4
5
6
7
8
EN
ADJ/BYP
GND
VOUT
VIN
GND
GND
GND
SPX3819
8 Pin nSOIC
EN
GND
VIN
ADJ/BYP
VOUT
SPX3819
5 Pin SOT-23
1
2
4
5
3
Note: The bottom exposed pad for the SPX3819
DFN package is connected to GND.


Similar Part No. - SPX3819R2-L-1-8

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819R2-L-1-8 EXAR-SPX3819R2-L-1-8 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
SPX3819R2-L-1-8/TR EXAR-SPX3819R2-L-1-8/TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX3819R2-L-1-8

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com