Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7112 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7112
Description  Decoder with High-Performance Scaler HPS for Image Port PELICAN
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7112 Datasheet(HTML) 6 Page - NXP Semiconductors

  SAA7112 Datasheet HTML 1Page - NXP Semiconductors SAA7112 Datasheet HTML 2Page - NXP Semiconductors SAA7112 Datasheet HTML 3Page - NXP Semiconductors SAA7112 Datasheet HTML 4Page - NXP Semiconductors SAA7112 Datasheet HTML 5Page - NXP Semiconductors SAA7112 Datasheet HTML 6Page - NXP Semiconductors SAA7112 Datasheet HTML 7Page - NXP Semiconductors SAA7112 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1996 Jun 20
6
Philips Semiconductors
Preliminary specification
Decoder with High-Performance Scaler
(HPS) for Image Port (PELICAN)
SAA7112
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.6
0.20
0.05
1.5
1.3
0.25
0.28
0.16
0.18
0.12
14.1
13.9
0.5
16.25
15.75
0.70
0.57
1.15
0.85
7
0
o
o
0.12
0.1
0.2
1.0
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT407-1
95-12-19
D(1)
(1)
(1)
14.1
13.9
HD
16.25
15.75
E
Z
1.15
0.85
D
b p
e
θ
E
A1
A
L p
Q
detail X
L
(A )
3
B
25
c
D
H
b p
E
H
A2
v M B
D
ZD
A
Z E
e
v M A
X
1
100
76
75
51
50
26
y
pin 1 index
w M
w M
0
5
10 mm
scale
LQFP100: plastic low profile quad flat package; 100 leads; body 14 x 14 x 1.4 mm
SOT407-1


Similar Part No. - SAA7112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7110A PHILIPS-SAA7110A Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AH PHILIPS-SAA7111AH Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
More results

Similar Description - SAA7112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7140A PHILIPS-SAA7140A Datasheet
432Kb / 68P
   High Performance Scaler HPS
1996 Sep 04
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
   TW9903-Multi-standard Video Decoder With High Quality Down Scaler
logo
Samsung semiconductor
S5D4100X SAMSUNG-S5D4100X Datasheet
769Kb / 94P
   Digital Interface Including Scaler, Image Enhancement
logo
NXP Semiconductors
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
logo
Rohm
BU2373FV ROHM-BU2373FV_11 Datasheet
388Kb / 19P
   High Performance VCOs for Image Sampling
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
   Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com