Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29150T-3-3 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX29150T-3-3
Description  1.5A Low Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150T-3-3 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX29150T-3-3 Datasheet HTML 2Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 3Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 4Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 5Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 6Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 7Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 8Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 9Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Rev A 8/5/06
SP2950/5/52/53 .5A Low Dropout voltage Regulator
© Copyright 2006 Sipex Corporation
Figure 15. Dropout Voltage vs Temperature at
iload=750mA
Figure 17. ENABLE Current vs Temperature at
Figure 18. ENABLE Threshold vs Temperature
ven=6v
TYPICAL PERFORMANCE CHARACTERISTICS
50
170
90
20
230
250
270
290
30
330
350
-40
-20
0
20
40
60
80
00
20
Temperature (oC)
3.3V Device
IL = 750mA
CL = 0uf
320
340
360
380
400
420
440
460
480
500
-40
-20
0
20
40
60
80
00
20
Temperature ( oC)
3.3V Device
IL = 750mA
CL = 0uf
Figure 16. Dropout Voltage vs Temperature at
iload=.5A
0
5
10
15
20
25
30
35
-40
-20
0
20
40
60
80
100
120
Temperature (
oC)
3.3V Device
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
-40
-20
0
20
40
60
80
100
120
Temperature (
oC)
3.3V Device


Similar Part No. - SPX29150T-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29150T-3.3 SIPEX-SPX29150T-3.3 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150T-3.3 SIPEX-SPX29150T-3.3 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150T-3.3/TR SIPEX-SPX29150T-3.3/TR Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results

Similar Description - SPX29150T-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815AT-L SIPEX-SPX2815AT-L Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com