Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX5205 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX5205
Description  150mA, Low-Noise LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX5205 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX5205 Datasheet HTML 1Page - Sipex Corporation SPX5205 Datasheet HTML 2Page - Sipex Corporation SPX5205 Datasheet HTML 3Page - Sipex Corporation SPX5205 Datasheet HTML 4Page - Sipex Corporation SPX5205 Datasheet HTML 5Page - Sipex Corporation SPX5205 Datasheet HTML 6Page - Sipex Corporation SPX5205 Datasheet HTML 7Page - Sipex Corporation SPX5205 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Date:12/
18/04
SPX5205 150mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
ORDERING INFORMATION
PART NUMBER
TOP MARK
ACC.
OUTPUT VOLTAGE
PACKAGE
SPX5205M5 .............. H1WW ................. 1% ...................... Adj ................... 5 Pin SOT-23
SPX5205M5/TR ........ H1WW ................. 1% ...................... Adj ................... 5 Pin SOT-23
SPX5205M5-1.2 .......... R12 ................... 1% ..................... 1.2V .................. 5 Pin SOT-23
SPX5205M5-1.2/TR ..... R12 ................... 1% ..................... 1.2V .................. 5 Pin SOT-23
SPX5205M5-1.5 .......... R15 ................... 1% ..................... 1.5V .................. 5 Pin SOT-23
SPX5205M5-1.5/TR ..... R15 ................... 1% ..................... 1.5V .................. 5 Pin SOT-23
SPX5205M5-1.8 .......... R18 ................... 1% ..................... 1.8V .................. 5 Pin SOT-23
SPX5205M5-1.8/TR ..... R18 ................... 1% ..................... 1.8V .................. 5 Pin SOT-23
SPX5205M5-2.0 .......... R20 ................... 1% ..................... 2.0V .................. 5 Pin SOT-23
SPX5205M5-2.0/TR ..... R20 ................... 1% ..................... 2.0V .................. 5 Pin SOT-23
SPX5205M5-2.5 .......... R25 ................... 1% ..................... 2.5V .................. 5 Pin SOT-23
SPX5205M5-2.5/TR ..... R25 ................... 1% ..................... 2.5V .................. 5 Pin SOT-23
SPX5205M5-2.8 .......... R28 ................... 1%......................2.8V...................5 Pin SOT-23
SPX5205M5-2.8/TR ..... R28 ................... 1%......................2.8V...................5 Pin SOT-23
SPX5205M5-3.0............R30.....................1% .....................3.0V...................5 PIN SOT-23
SPX5205M5-3.0/TR......R30.....................1% .....................3.0V...................5 PIN SOT-23
SPX5205M5-3.3 .......... R33 ................... 1% ..................... 3.3V .................. 5 Pin SOT-23
SPX5205M5-3.3/TR ..... R33 ................... 1% ..................... 3.3V .................. 5 Pin SOT-23
SPX5205M5-5.0 .......... R50 ................... 1% ..................... 5.0V .................. 5 Pin SOT-23
SPX5205M5-5.0/TR ..... R50 ................... 1% ..................... 5.0V .................. 5 Pin SOT-23
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SPX5205M5-5.0/TR = standard; SPX5205M5-5.0-L/TR = lead free
Note that for top markings on small packages, when the bar is added to indicate lead-free parts, it can be
mistaken as a “1” or an “I”.
/TR = Tape and Reel
Pack quantity is 2,500 for 5pin SOT-23


Similar Part No. - SPX5205

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Sipex Corporation
SPX5205M5 SIPEX-SPX5205M5 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
SPX5205M5-1.8 SIPEX-SPX5205M5-1.8 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
SPX5205M5-2.5 SIPEX-SPX5205M5-2.5 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX5205

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com