Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1117R-3-3 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX1117R-3-3
Description  800mA Low Dropout Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117R-3-3 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX1117R-3-3 Datasheet HTML 1Page - Sipex Corporation SPX1117R-3-3 Datasheet HTML 2Page - Sipex Corporation SPX1117R-3-3 Datasheet HTML 3Page - Sipex Corporation SPX1117R-3-3 Datasheet HTML 4Page - Sipex Corporation SPX1117R-3-3 Datasheet HTML 5Page - Sipex Corporation SPX1117R-3-3 Datasheet HTML 6Page - Sipex Corporation SPX1117R-3-3 Datasheet HTML 7Page - Sipex Corporation SPX1117R-3-3 Datasheet HTML 8Page - Sipex Corporation SPX1117R-3-3 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
Figure 7. VIN=3.0V, IOUT=10mA
Figure 9. VIN=4.0V, IOUT=10mA
Figure 12. VIN=5.0V, IOUT=10mA
TYPICAL PERFORMANCE CHARACTERISTICS: Continued
1.47
1.48
1.49
1.5
1.51
1.52
1.53
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
1.5v Adj
1.5v Fixed
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
1.8v Adj
1.8v Fixed
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
2.5v Adj
2.5v Fixed
2.8
2.82
2.84
2.86
2.88
2.9
2.92
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
2.85v Adj
2.85v Fixed
2.94
2.96
2.98
3
3.02
3.04
3.06
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
3v Adj
3v Fixed
3.26
3.28
3.3
3.32
3.34
3.36
3.38
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
3.3v Adj
3.3v Fixed
Figure 8. VIN=3.3V, IOUT=10mA
Figure 10. VIN=4.85V, IOUT=10mA
Figure 11. VIN=4.85V, IOUT=10mA
Figure 14. Output Voltage vs Temperature at different
Current Loads, VIN=3.3V, VOUT = 1.8V Adjustable
Figure 13. Line Regulation vs Temperature. VOUT=1.8V
(adjustable), VIN= 3.3V
-8
-6
-4
-2
0
2
4
6
-40
-20
0
20
40
60
80
100
Ambient Temperature,*C
1.806
1.807
1.808
1.809
1.81
1.811
1.812
1.813
1.814
1.815
1.816
-40
-20
0
20
40
60
80
100
Ambient Temperature, *C
800mA
400mA
10mA
Figure 15. Line Regulation at ILOAD=800mA over
Temperature, VOUT=1.8V adjustable
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
3
4
5
6
Vin, V
-40°C
+25°C
+85°C


Similar Part No. - SPX1117R-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117R-3.0 SIPEX-SPX1117R-3.0 Datasheet
168Kb / 10P
   800mA Low Dropout Regulator
SPX1117R-3.0 SIPEX-SPX1117R-3.0 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
SPX1117R-3.0/TR SIPEX-SPX1117R-3.0/TR Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
SPX1117R-3.3 SIPEX-SPX1117R-3.3 Datasheet
168Kb / 10P
   800mA Low Dropout Regulator
SPX1117R-3.3 SIPEX-SPX1117R-3.3 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1117R-3-3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
   800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com