Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2930 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2930
Description  150mA Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2930 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX2930_05 Datasheet HTML 1Page - Sipex Corporation SPX2930_05 Datasheet HTML 2Page - Sipex Corporation SPX2930_05 Datasheet HTML 3Page - Sipex Corporation SPX2930_05 Datasheet HTML 4Page - Sipex Corporation SPX2930_05 Datasheet HTML 5Page - Sipex Corporation SPX2930_05 Datasheet HTML 6Page - Sipex Corporation SPX2930_05 Datasheet HTML 7Page - Sipex Corporation SPX2930_05 Datasheet HTML 8Page - Sipex Corporation SPX2930_05 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Date: 03/03/05
SPX2930 150mA Low Dropout Voltage Regulator
© Copyright 2005 Sipex Corporation
PACKAGE PINOUTS
TO-220 (U)
Front View
12
3
V
IN
V
OUT
GND
Bottom View
13
2
V
OUT
GND
V
IN
TO-92 (N)
SOT-89 (M1)
Top View
1
V
IN
2
GND
3
V
OUT
PACKAGE: 3 PIN SOT 89
H
E
e
e1
D
D1
1
2
3
Ø1.0
C
5º(2x)
bb1
b
Ro.15
8º(2x)
L
SYMBOL
MIN
NOM
MAX
b
0.36
0.42
0.48
L0.8
-1.2
b1
0.41
0.47
0.53
C
0.38
0.4
0.43
D4.4
4.54.6
D1
1.4
1.6
1.75
H
3.94
-
4.25
E2.4
2.52.6
e
1.45
1.5
1.55
e1
2.9
3
3.1
Note: Dimensions in (mm)
3 Pin SOT-89


Similar Part No. - SPX2930_05

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29300 SIPEX-SPX29300 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX29300T-1-8 SIPEX-SPX29300T-1-8 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
SPX29300T-1-8/TR SIPEX-SPX29300T-1-8/TR Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
More results

Similar Description - SPX2930_05

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com