Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2930 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX2930
Description  150mA Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2930 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX2930_05 Datasheet HTML 1Page - Sipex Corporation SPX2930_05 Datasheet HTML 2Page - Sipex Corporation SPX2930_05 Datasheet HTML 3Page - Sipex Corporation SPX2930_05 Datasheet HTML 4Page - Sipex Corporation SPX2930_05 Datasheet HTML 5Page - Sipex Corporation SPX2930_05 Datasheet HTML 6Page - Sipex Corporation SPX2930_05 Datasheet HTML 7Page - Sipex Corporation SPX2930_05 Datasheet HTML 8Page - Sipex Corporation SPX2930_05 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Date: 03/03/05
SPX2930 150mA Low Dropout Voltage Regulator
© Copyright 2005 Sipex Corporation
PACKAGE: 3 PIN TO-92
D
W
L
e1
e
b
A
S1
a
(2x)
E
R
SYMBOL
MIN
NOM
MAX
A0.17
-
0.195
b0.014
-
0.02
E0.13
-
0.155
e0.95
-
0.105
e1
0.045
-
0.055
L0.5
-
0.61
R0.085
-
0.095
S1
0.045
-
0.06
W0.016
-
0.022
D0.175
-
0.195
a4º
-
Note: Dimensions in (inches)
3 Pin TO-92


Similar Part No. - SPX2930_05

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29300 SIPEX-SPX29300 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX29300T-1-8 SIPEX-SPX29300T-1-8 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
SPX29300T-1-8/TR SIPEX-SPX29300T-1-8/TR Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
More results

Similar Description - SPX2930_05

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com