Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1582T5-1-8 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX1582T5-1-8
Description  3A Ultra Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1582T5-1-8 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX1582T5-1-8 Datasheet HTML 1Page - Sipex Corporation SPX1582T5-1-8 Datasheet HTML 2Page - Sipex Corporation SPX1582T5-1-8 Datasheet HTML 3Page - Sipex Corporation SPX1582T5-1-8 Datasheet HTML 4Page - Sipex Corporation SPX1582T5-1-8 Datasheet HTML 5Page - Sipex Corporation SPX1582T5-1-8 Datasheet HTML 6Page - Sipex Corporation SPX1582T5-1-8 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Jun 17-06 Rev F
SPX1582 3A Ultra Low Dropout Voltage Regulator
© 2006 Sipex Corporation
ORDERING INFORMATION
Part Number
Accuracy
Output Voltage
Packages
SPX1582U5 ............................... 2.0% ............................. Adj .......................... 5-Pin TO-220
SPX1582U5-2-5 ......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-220
SPX1582U5-2-8 ......................... 2.0% ............................ 2.8V ........................ 5-Pin TO-220
SPX1582U5-3-3 ......................... 2.0% ............................ 3.3V ........................ 5-Pin TO-220
SPX1582T5 ................................ 2.0% ............................. Adj .......................... 5-Pin TO-263
SPX1582T5/TR .......................... 2.0% ............................. Adj .......................... 5-Pin TO-263
SPX1582T5-2-5 ......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-2-5/TR .................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-2-8 ......................... 2.0% ............................ 2.8V ........................ 5-Pin TO-263
SPX1582T5-2-8/TR .................... 2.0% ............................ 2.8V ........................ 5-Pin TO-263
SPX1582T5-3-3 ......................... 2.0% ............................ 3.3V ........................ 5-Pin TO-263
SPX1582T5-3-3/TR .................... 2.0% ............................ 3.3V ........................ 5-Pin TO-263
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX1582T5-3-3/TR = standard; SPX1582T5-L-3-3/TR = lead free.
/TR = Tape and Reel
Pack quantity is 500 for TO-263.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
SPX1582T5-1-5/TR.................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-1-5 ......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-1-8/TR.................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-1-8 ......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263


Similar Part No. - SPX1582T5-1-8

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX1582T5-1-8 EXAR-SPX1582T5-1-8 Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1582T5-1-8 SIPEX-SPX1582T5-1-8 Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Exar Corporation
SPX1582T5-1-8/TR EXAR-SPX1582T5-1-8/TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1582T5-1-8/TR SIPEX-SPX1582T5-1-8/TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results

Similar Description - SPX1582T5-1-8

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1582 EXAR-SPX1582 Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059B RICHTEK-RT9059B Datasheet
160Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
logo
Exar Corporation
XRP6275 EXAR-XRP6275 Datasheet
1Mb / 11P
   3A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
TS39301 TSC-TS39301 Datasheet
273Kb / 7P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
logo
Taiwan Semiconductor Co...
TS378R00 TSC-TS378R00 Datasheet
178Kb / 4P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS378RL00 TSC-TS378RL00 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com