Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1004M1-1-2 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX1004M1-1-2
Description  1.2V / 2.5V Micropower Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1004M1-1-2 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX1004M1-1-2 Datasheet HTML 1Page - Sipex Corporation SPX1004M1-1-2 Datasheet HTML 2Page - Sipex Corporation SPX1004M1-1-2 Datasheet HTML 3Page - Sipex Corporation SPX1004M1-1-2 Datasheet HTML 4Page - Sipex Corporation SPX1004M1-1-2 Datasheet HTML 5Page - Sipex Corporation SPX1004M1-1-2 Datasheet HTML 6Page - Sipex Corporation SPX1004M1-1-2 Datasheet HTML 7Page - Sipex Corporation SPX1004M1-1-2 Datasheet HTML 8Page - Sipex Corporation SPX1004M1-1-2 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ORDERING INFORMATION
Part Number
Accuracy
Output
Voltage
MSL Level
RoHS
Package
Pack Type
Quantity
SPX1004AS1-L-1-2
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
TUBE
98
SPX1004AS1-L-1-2/TR
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Tape & Reel
2500
SPX1004AS2-L-1-2
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Alt. Pinout
TUBE
98
SPX1004AS2-L-1-2/TR
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Tape & Reel
2500
SPX1004S1-L-1-2
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
TUBE
98
SPX1004S1-L-1-2/TR
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Tape & Reel
2500
SPX1004S2-L-1-2
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Alt. Pinout
TUBE
98
SPX1004S2-L-1-2/TR
0.8%
1.235V
L1 @ 260ºC
Yes
NSOIC8
Alt. Pinout
Tape & Reel
2500
SPX1004AM1-L-1-2
0.8%
1.235V
L2 @ 260ºC
Yes
SOT-89-3
Canister
Any
SPX1004AM1-L-1-2/TR
0.8%
1.235V
L2 @ 260ºC
Yes
SOT-89-3
Tape & Reel
2500
SPX1004M-L-1-2
0.8%
1.235V
L2 @ 260ºC
Yes
SOT-89-3
Canister
Any
SPX1004M-L-1-2/TR
0.8%
1.235V
L2 @ 260ºC
Yes
SOT-89-3
Tape & Reel
2500
SPX1004AN-L-1-2
0.8%
1.235V
No MSL for thru
hole package.
Yes
TO-92-3
BOX
Any
SPX1004AN-L-1-2/TR
0.8%
1.235V
No MSL for thru
hole package.
Yes
TO-92-3
Tape & Reel
2000
SPX1004N-L-1-2
0.8%
1.235V
No MSL for thru
hole package.
Yes
TO-92-3
BOX
Any
SPX1004N-L-1-2/TR
0.8%
1.235V
No MSL for thru
hole package.
Yes
TO-92-3
Tape & Reel
2000
SPX1004AS1-1-2
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
TUBE
98
SPX1004AS1-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Tape & Reel
2500
SPX1004AS2-1-2
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Alt. Pinout
TUBE
98
SPX1004AS2-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Alt. Pinout
Tape & Reel
2500
SPX1004S1-1-2
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
TUBE
98
SPX1004S1-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Tape & Reel
2500
SPX1004S2-1-2
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Alt. Pinout
TUBE
98
SPX1004S2-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
NSOIC8
Alt. Pinout
Tape & Reel
2500
SPX1004AM1-1-2
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Canister
Any
SPX1004AM1-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Tape & Reel
2500
SPX1004M1-1-2
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Canister
Any
SPX1004M1-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Tape & Reel
2500
SPX1004M-1-2
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Canister
Any
SPX1004M-1-2/TR
0.8%
1.235V
L1 @ 240ºC
No
SOT-89-3
Tape & Reel
2500
SPX1004AN-1-2
0.8%
1.235V
No MSL for thru
hole package.
No
TO-92-3
BOX
Any
SPX1004AN-1-2/TR
0.8%
1.235V
No MSL for thru
hole package.
No
TO-92-3
Tape & Reel
2000
SPX1004N-1-2
0.8%
1.235V
No MSL for thru
hole package.
No
TO-92-3
BOX
Any
SPX1004N-1-2/TR
0.8%
1.235V
No MSL for thru
hole package.
No
TO-92-3
Tape & Reel
2000
8
Date: 05/17/07
SPX1004 1.2V/2.5V Micropower Voltage Reference
© Copyright 2007 Sipex Corporation


Similar Part No. - SPX1004M1-1-2

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1004M1-1.2 SIPEX-SPX1004M1-1.2 Datasheet
176Kb / 5P
   1.2V / 2.5V Micropower Voltage Reference
SPX1004M1-1.2/TR SIPEX-SPX1004M1-1.2/TR Datasheet
176Kb / 5P
   1.2V / 2.5V Micropower Voltage Reference
More results

Similar Description - SPX1004M1-1-2

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
   1.2V / 2.5V Micropower Voltage Reference
logo
Texas Instruments
REF1004 TI1-REF1004 Datasheet
254Kb / 12P
[Old version datasheet]   1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004_08 Datasheet
249Kb / 12P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
REF1004 BURR-BROWN-REF1004 Datasheet
82Kb / 9P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Microsemi Corporation
LX1004 MICROSEMI-LX1004 Datasheet
151Kb / 7P
   1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
   2.5V micropower shunt voltage reference
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
logo
List of Unclassifed Man...
LM385 ETC-LM385 Datasheet
154Kb / 7P
   1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Microsemi Corporation
LM385 MICROSEMI-LM385 Datasheet
154Kb / 7P
   1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com