Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6133 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6133
Description  Evaluation Board Manual
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6133 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6133 Datasheet HTML 2Page - Sipex Corporation SP6133 Datasheet HTML 3Page - Sipex Corporation SP6133 Datasheet HTML 4Page - Sipex Corporation SP6133 Datasheet HTML 5Page - Sipex Corporation SP6133 Datasheet HTML 6Page - Sipex Corporation SP6133 Datasheet HTML 7Page - Sipex Corporation SP6133 Datasheet HTML 8Page - Sipex Corporation SP6133 Datasheet HTML 9Page - Sipex Corporation SP6133 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Rev 3/30/06
SP6133 Evaluation Manual
Copyright 2006 Sipex Corporation
Page 10 of 10
Table 2: SP6133EB List of Materials
Line
Ref.
Qty.
Manuf.
Manuf.
Layout
Component
Vendor
No.
Des.
Part Number
Size
Phone #
1
PCB
1
Sipex
146-6587-00
1.125"X1.875"
SP6133EB
978-667-7800
2
U1
1
Sipex
SP6133
QFN-16
Synchronous Buck Controller
978-667-7800
3
QT
1
Vishay Semi
Si4394DY
SO-8
NFET 30V, 9.75mOhm
402-563-6866
4
QB
1
Vishay Semi
Si4320DY
SO-8
NFET 30V, 4mOhm
402-563-6866
5
DS
0
Not populated
6
DBST
1
Vishay Semi
BAT54WS
SOD-323
200mA-30V Schottky Diode
800-344-4539
7
L1
1
Inter-Technical
SC5018-2R7M
12.6X12.6mm
2.7uH Coil, 15A, 4.10 mOhm
914-347-2474
8
C1, C2
2
TDK
C4532X5R1C336M
1812
22uF Ceramic X5R 16V
978-779-3111
9
C3, C4
2
TDK
C3225X5R0J107M
1210
100uF Ceramic X5R 6.3V
978-779-3111
10
C5
1
TDK
C1608X7R1H103K
0603
0.01uF Ceramic X7R 50V
978-779-3111
11
C6
1
TDK
C1608JB1H682K
0603
6.8nF Ceramic X5R 50V
978-779-3111
12
CBST, CS
2
TDK
C1608X7R1H104K
0603
0.1uF Ceramic X7R 16V
978-779-3111
13
CF1
1
TDK
C1608COG1H220J
0603
22pF Ceramic COG 50V
978-779-3111
14
CP1
1
TDK
C1608COG1H390J
0603
39pF Ceramic COG 50V
978-779-3111
15
CSS
1
TDK
C1608X7R1H473K
0603
47,000pF Ceramic X7R 50V
978-779-3111
16
CVCC
1
TDK
C2012X5R0J106M
0805
10uF Ceramic X5R 6.3V
978-779-3111
17
CZ2
1
TDK
C1608COG1H152J
0603
1,500pF Ceramic COG 50V
978-779-3111
18
CZ3
1
TDK
C1608COG1H561J
0603
560pF Ceramic COG 50V
978-779-3111
19
R1
1
Panasonic
ERJ-3EKF6812V
0603
68.1K Ohm Thick Film Res 1%
800-344-4539
20
R2
1
Panasonic
ERJ-3EKF2152V
0603
21.5K Ohm Thick Film Res 1%
800-344-4539
21
R3
1
Panasonic
ERJ-3EKF2002V
0603
20.0K Ohm Thick Film Res 1%
800-344-4539
22
R4,R5
2
Panasonic
ERJ-3EKF1002V
0603
10.0K Ohm Thick Film Res 1%
800-344-4539
23
RS1, RS2
2
Panasonic
ERJ-3EKF5111V
0603
5.11K Ohm Thick Film Res 1%
800-344-4540
24
RS3
0
Not populated
25
RZ2
1
Panasonic
ERJ-3EKF2322V
0603
23.2K Ohm Thick Film Res 1%
800-344-4539
26
RZ3
1
Panasonic
ERJ-3EKF1001V
0603
1K Ohm Thick Film Res 1%
800-344-4539
27
J1
1
Sullins
PTC36SAAN
.32x.12
36-Pin (3x12) Header
800-344-4539
28
(J1)
1
Sullins
STC02SYAN
.2x.1
Shunt
800-344-4539
29
VIN, VOUT,
VCC, GND,
GND2, GND3,
UVIN, PWRGD
8
Vector Electronic
K24C/M
.042 Dia
Test Point Post
800-344-4539
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6133EB ..….........................− 40°C to +85°C.............……..SP6133 Evaluation Board
SP6133ER1............................ − 40°C to +85°C.....................................…….16-pin QFN


Similar Part No. - SP6133

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6133 EXAR-SP6133 Datasheet
1Mb / 20P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133ER1 SIPEX-SP6133ER1 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
SP6133ER1/TR SIPEX-SP6133ER1/TR Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
More results

Similar Description - SP6133

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com