Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SAA6588T Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. SAA6588T
Description  RDS/RBDS pre-processor
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
1997 Sep 01
3
Philips Semiconductors
Product specification
RDS/RBDS pre-processor
SAA6588
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
4.5
5.0
5.5
V
VDDD
digital supply voltage
4.5
5.0
5.5
V
IDD(tot)
total supply current
14.0
mA
Vi(MPX)
RDS input sensitivity at pin MPX
1
−−
mV
∆G
SQ
step size for signal quality input gain
0.6
dB
CRGSQ
control range for signal quality input gain
18.6
dB
tPON(min)
minimum time for pause
adjustable in 4 steps
20.2
161.7
ms
fi(xtal)
crystal input frequency
n = 1
4.332
MHz
n=2
8.664
MHz
n=3
12.996
MHz
n=4
17.328
MHz
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA6588
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
SAA6588T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM9701Digital Image Processor w/ Integrated Pre-processor 1 2 3 4 5 National Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl