Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA6588T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAA6588T
Description  RDS/RBDS pre-processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6588T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAA6588T Datasheet HTML 17Page - NXP Semiconductors SAA6588T Datasheet HTML 18Page - NXP Semiconductors SAA6588T Datasheet HTML 19Page - NXP Semiconductors SAA6588T Datasheet HTML 20Page - NXP Semiconductors SAA6588T Datasheet HTML 21Page - NXP Semiconductors SAA6588T Datasheet HTML 22Page - NXP Semiconductors SAA6588T Datasheet HTML 23Page - NXP Semiconductors SAA6588T Datasheet HTML 24Page - NXP Semiconductors SAA6588T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1997 Sep 01
21
Philips Semiconductors
Product specification
RDS/RBDS pre-processor
SAA6588
PROGRAMMING AND I2C-BUS SUMMARY
Fig.5 RDS pre-processor control commands: mode control and preset settings for the pre-processor.
handbook, full pagewidth
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
MGK538
SQS1 SQS0
SQS2
SQS3
SQS4
SOSC
PTF0
PTF1
A
P
byte 2W from master
FEB1 FEB0
FEB2
FEB3
FEB4
FEB5
PL0
PL1
A
byte 1W from master
DAC1 DAC0
RBDS
SYM0
SYM1
NWSY
TSQD
SQCM
A
byte 0W from master
MAD
0
0
0
0
1
0
0
A
S
slave address
+ write-bit from master
START condition
from master
STOP condition
from master
Fig.6
RDS pre-processor control commands: abridged protocol, for example for immediate restart
synchronization.
handbook, full pagewidth
MGK539
DAC1 DAC0
RBDS
SYM0
SYM1
1
TSQD
SQCM
A
P
byte 0W from master
MAD
0
0
0
0
1
0
0
A
S
slave address
+ write-bit from master
acknowledgement
from slave
acknowledgement
from slave
START condition
from master
STOP condition
from master


Similar Part No. - SAA6588T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6581 PHILIPS-SAA6581 Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581T NXP-SAA6581T Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
More results

Similar Description - SAA6588T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
ON Semiconductor
LC72722PM ONSEMI-LC72722PM_17 Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com