Electronic Components Datasheet Search
Selected language     English  ▼
Part Name

SAA6588T Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. SAA6588T
Description  RDS/RBDS pre-processor
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com

 2 page
background image
1997 Sep 01
Philips Semiconductors
Product specification
RDS/RBDS pre-processor
• Integrated switched capacitor filters
• Demodulation of the European Radio Data System
(RDS) or the USA Radio Broadcast Data System
(RBDS) signal
• RDS and RBDS block detection
• Error detection and correction
• Fast block synchronization
• Synchronization control (flywheel)
• Mode control for RDS/RBDS processing
• Different RDS/RBDS block information output modes
(e.g. A-block output mode)
• Fast I2C-bus interface
• Multi-path detector
• Signal quality detector with sensitivity adjustment
• Pause detector with pause level and time adjustment
• Alternatively oscillator frequency: n × 4.332 MHz
(n = 1 to 4)
• UART compatible with 17.328 MHz (n = 4)
• CMOS device
• Single supply voltage
• Extended temperature range (−40 to +85 °C).
Today most FM radio stations in Europe and meanwhile
also many FM/AM radio broadcasting stations in the USA
transmit the inaudible European RDS (Radio Data
System) or the USA RBDS (Radio Broadcast Data
System) informations respectively. Likewise nowadays
receivers, most car radios and also some home and
portable radios on the market include at least some of the
RDS features.
The RDS/RBDS system offers a large range of
applications by its many functions to be implemented. For
car radios the most important are:
• Program Service (PS) name
• Traffic Program (TP) identification
• Traffic Announcement (TA) signal
• Alternative Frequency (AF) list
• Program Identification (PI)
• Enhanced Other Networks (EON) information.
The RDS/RBDS pre-processor is a CMOS device that
integrates all RDS/RBDS relevant functions in one chip.
The IC contains filtering and demodulation of the
RDS/RBDS signal, symbol decoding, block
synchronization, error detection, error correction and
additional detectors for multi-path, signal quality and audio
signal pauses. The pre-processed RDS/RBDS information
is available via the I2C-bus.
The RDS/RBDS pre-processor replaces a number of ICs
and peripheral components used nowadays in car radio
concepts with RDS or RBDS features. The integration of
the relevant RDS/RBDS data processing functions
provides, in an economic manner, high performance of
RDS/RBDS processing and reduces the real-time
requirements for the main radio microcontroller
considerably. In addition it simplifies the development of
the RDS specific software for the main controller of the
radio set.
Compared with standard radio systems, RDS/RBDS
controlled radio systems additionally require an
RDS/RBDS demodulator with a 57 kHz band-pass filter,
information about the current reception situation (reception
quality, multi-path disturbance etc.), and additional
microcontroller power for RDS/RBDS data processing,
decoding and radio control.
The new RDS/RBDS pre-processor includes all these
specific functions and meets all requirements of a high end
RDS/RBDS radio. Moreover the timing requirements of the
set controller, regarding RDS/RBDS data processing are
reduced due to the integration of decoder functions, so
that the development of radio control software can be
concentrated specifically on radio set features.

Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 

Datasheet Download

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM9701Digital Image Processor w/ Integrated Pre-processor 1 2 3 4 5 National Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    

Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl