Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SAA6588T Datasheet(PDF) 15 Page - NXP Semiconductors

Part No. SAA6588T
Description  RDS/RBDS pre-processor
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 15 page
background image
1997 Sep 01
15
Philips Semiconductors
Product specification
RDS/RBDS pre-processor
SAA6588
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Human body model (equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor).
Except pin 17:
−4000 V minimum and +2500 V maximum.
2. Machine model (equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor and 0.75 µH inductance).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
0
6.5
V
Vn
voltage at pins 1 to 5, 8 to 13, and
16 to 20 with respect to pins 6 and 15
−0.5
VDD + 0.5 ≤ 6.5 V
Ii
input current
pins 1 to 5, 8, 10 to 13 and 16 to 20
−10
+10
mA
pin 9
−20
+20
mA
Ilu(prot)
latch-up protection current in pulsed
mode
Tamb = −40 to +85 °C with
voltage limiting
−2 to +10 V
−100
+100
mA
Tamb =25 °C with voltage
limiting
−2 to +12 V
−200
+200
mA
Tamb = −40 to +85 °C
without voltage limiting
−10
+10
mA
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Ves
electrostatic handling
note 1
−4000
+4000
V
note 2
−250
+250
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
SAA6588T (SOT163-1)
85
K/W
SAA6588 (SOT146-1)
62
K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM9701Digital Image Processor w/ Integrated Pre-processor 1 2 3 4 5 National Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl