Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA6588T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA6588T
Description  RDS/RBDS pre-processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6588T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA6588T Datasheet HTML 9Page - NXP Semiconductors SAA6588T Datasheet HTML 10Page - NXP Semiconductors SAA6588T Datasheet HTML 11Page - NXP Semiconductors SAA6588T Datasheet HTML 12Page - NXP Semiconductors SAA6588T Datasheet HTML 13Page - NXP Semiconductors SAA6588T Datasheet HTML 14Page - NXP Semiconductors SAA6588T Datasheet HTML 15Page - NXP Semiconductors SAA6588T Datasheet HTML 16Page - NXP Semiconductors SAA6588T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1997 Sep 01
13
Philips Semiconductors
Product specification
RDS/RBDS pre-processor
SAA6588
Table 9
Control bits SOSC, PTF0 and PTF1
Table 10 Control bits SQS0 to SQS4
SOSC
PTF1
PTF0
SOSC = 0
SOSC = 1
MINIMUM TIME
(ms)
OSCILLATOR FREQUENCY
(MHz)
0
0
0
20.2
4.332 (n = 1)
0
0
1
40.4
8.664 (n = 2)
0
1
0
80.8
12.996 (n = 3)
0
1
1
161.7
17.328 (n = 4)
SQS
CORRECTION
(dB)
SQS4
SQS3
SQS2
SQS1
SQS0
HEX
00000
00
−9.0
00001
01
−8.4
00010
02
−7.8
00011
03
−7.2
00100
04
−6.6
00101
05
−6.0
00110
06
−5.4
00111
07
−4.8
01000
08
−4.2
01001
09
−3.6
01010
0A
−3.0
01011
0B
−2.4
01100
0C
−1.8
01101
0D
−1.2
01110
0E
−0.6
01111
0F
0
10000
10
+0.6
10001
11
+1.2
10010
12
+1.8
10011
13
+2.4
10100
14
+3.0
10101
15
+3.6
10110
16
+4.2
10111
17
+4.8
11000
18
+5.4
11001
19
+6.0
11010
1A
+6.6
11011
1B
+7.2
11100
1C
+7.8
11101
1D
+8.4
11110
1E
+9.0
11111
1F
+9.6


Similar Part No. - SAA6588T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6581 PHILIPS-SAA6581 Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581T NXP-SAA6581T Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
More results

Similar Description - SAA6588T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
ON Semiconductor
LC72722PM ONSEMI-LC72722PM_17 Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com