Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA6588T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA6588T
Description  RDS/RBDS pre-processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6588T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA6588T Datasheet HTML 4Page - NXP Semiconductors SAA6588T Datasheet HTML 5Page - NXP Semiconductors SAA6588T Datasheet HTML 6Page - NXP Semiconductors SAA6588T Datasheet HTML 7Page - NXP Semiconductors SAA6588T Datasheet HTML 8Page - NXP Semiconductors SAA6588T Datasheet HTML 9Page - NXP Semiconductors SAA6588T Datasheet HTML 10Page - NXP Semiconductors SAA6588T Datasheet HTML 11Page - NXP Semiconductors SAA6588T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1997 Sep 01
8
Philips Semiconductors
Product specification
RDS/RBDS pre-processor
SAA6588
Data processing control
The pre-processor provides different operating modes
selectable via the external I2C-bus. The data processing
control performs the pre-selected operating modes and
controls the requested output of the RDS/RBDS
information.
Restart of synchronization mode:
The ‘restart synchronization’ (NWSY) control mode
immediately terminates the actual synchronization and
restarts a new synchronization search procedure.
The NWSY flag is automatically reset after the restart of
synchronization by the decoder.
This mode is required for a fast new synchronization on
the RDS/RBDS data from a new transmitter station if the
tuning frequency is changed by the radio set.
Restart of synchronization search is furthermore
automatically carried out if the internal flywheel signals
a loss of synchronization (see Section “Flywheel for
synchronization hold”).
Error correction control mode for synchronization:
For error correction and identification of valid blocks
during synchronization search, three different modes
are selectable. (SYM1, SYM0, see Table 4).
RBDS processing mode:
The pre-processor is suitable for receivers intended for
the European (RDS) as well as for the USA (RBDS)
standard. If RBDS mode is selected via the I2C-bus, the
block detection and the error detection and correction
are adjusted to RBDS data processing.
Data available control mode:
The pre-processor provides three different RDS/RBDS
data output processing modes selectable via the ‘data
available’ control mode: (see also Section “RDS/RBDS
data output” and Table 5).
Standard processing mode: if the decoder is
synchronized and a new block is received (every
26 bits), the actual RDS/RBDS information of the last
two blocks is available with every new received block.
Fast PI search mode: during synchronization search
and if a new A-block is received, the actual RDS/RBDS
information of this or the last two A-blocks respectively
is available with every new received A-block. If the
decoder is synchronized, the standard processing mode
is valid.
Reduced data request processing mode: if the
decoder is synchronized and two new blocks are
received (every 52 bits), the actual RDS/RBDS
information of the last two blocks is available with every
two new received blocks.
The RDS/RBDS pre-processor provides data output of the
block identification, the RDS/RBDS information words and
error detection and correction status of the last two blocks
as well as signal quality indication and general decoder
status information.
In addition, the decoder controls also the data request from
the external main controller. The pre-processor activates
the ‘data overflow’ status flag DOFL
(see Section “Programming”), if the decoder is
synchronized and a new RDS/RBDS block is received
before the previously processed block was completely
transmitted via I2C-bus. After detection of data overflow
the interface registers are not updated until reset of the
data overflow flag by reading via the I2C-bus.
RDS/RBDS data output
The decoded RDS/RBDS block information and the
current pre-processor status is available via the I2C-bus.
For synchronization of data request between main
controller and pre-processor the additional data available
output signal is used.
If the decoder has processed new information for the main
controller the data available signal (DAVN) is activated
(LOW) under the following conditions (see also Table 5):
• During synchronization search in DAVB mode if a valid
A-block has been detected. This mode can be used for
fast search tuning (detection and comparison of the PI
code contained in the A-block).
• During synchronization search in any DAV mode, if two
blocks in correct sequence have been detected
(synchronization criterion).
• If the pre-processor is synchronized and in mode DAVA
and DAVB a new block has been processed. This mode
is the standard data processing mode, if the decoder is
synchronized.
• If the pre-processor is synchronized and in DAVC mode
two new blocks have been processed.
• If the pre-processor is synchronized and in any DAV
mode loss of synchronization is detected (flywheel
counter overflow and resulting restart of
synchronization).
• In any DAV mode, if a reset condition caused by
power-on or voltage-drop is detected.


Similar Part No. - SAA6588T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6581 PHILIPS-SAA6581 Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581T NXP-SAA6581T Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
More results

Similar Description - SAA6588T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
ON Semiconductor
LC72722PM ONSEMI-LC72722PM_17 Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com