Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SAA6588T Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. SAA6588T
Description  RDS/RBDS pre-processor
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
1997 Sep 01
5
Philips Semiconductors
Product specification
RDS/RBDS pre-processor
SAA6588
PINNING
SYMBOL
PIN
DESCRIPTION
MRO
1
multi-path rectifier output
MPTH
2
multi-path detector output
TCON
3
test control input pin
OSCO
4
oscillator output
OSCI
5
oscillator input
VSSD
6
digital ground (0 V)
VDDD
7
digital supply voltage (5 V)
DAVN
8
data available output (active LOW)
SDA
9
I2C-bus serial data I/O
SCL
10
I2C-bus serial clock input
PSWN
11
pause switch output (active LOW)
MAD
12
slave address (LSB) input
AFIN
13
audio signal input
VDDA
14
analog supply voltage (5 V)
VSSA
15
analog ground (0 V)
MPX
16
multiplex input signal
Vref
17
reference voltage output
SCOUT
18
band-pass filter output
CIN
19
comparator input
LVIN
20
level input
SYMBOL
PIN
DESCRIPTION
Fig.2 Pin configuration (DIP20).
handbook, halfpage
MRO
MPTH
TCON
OSCO
OSCI
VSSD
VDDD
SDA
SCL
LVIN
CIN
SCOUT
Vref
VSSA
VDDA
MPX
AFIN
MAD
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
SAA6588
MGK533
DAVN
PSWN
Fig.3 Pin configuration (SO20).
handbook, halfpage
MRO
MPTH
TCON
OSCO
OSCI
VSSD
VDDD
SDA
SCL
LVIN
CIN
SCOUT
Vref
VSSA
VDDA
MPX
AFIN
MAD
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
MGK534
DAVN
PSWN
SAA6588T




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM9701Digital Image Processor w/ Integrated Pre-processor 1 2 3 4 5 National Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl