Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5491 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA5491
Description  Economy teletext and TV microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5491 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA5491 Datasheet HTML 7Page - NXP Semiconductors SAA5491 Datasheet HTML 8Page - NXP Semiconductors SAA5491 Datasheet HTML 9Page - NXP Semiconductors SAA5491 Datasheet HTML 10Page - NXP Semiconductors SAA5491 Datasheet HTML 11Page - NXP Semiconductors SAA5491 Datasheet HTML 12Page - NXP Semiconductors SAA5491 Datasheet HTML 13Page - NXP Semiconductors SAA5491 Datasheet HTML 14Page - NXP Semiconductors SAA5491 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
February 1995
11
Philips Semiconductors
Preliminary specification
One page Economy Teletext/TV
microcontroller
SAA5290
Notes
1. All RGB current is sourced from the RGBREF pin. The maximum effective series resistance between RGBREF and
the R, G and B pins is 150
Ω.
2. Crystal order number 4322 143 05561.
ADC0, ADC1 AND ADC2
VIL
LOW level input voltage
−0.3
VDD
V
Analog input/output
BLACK
Cblack
storage capacitor to ground
100
nF
Vblack
black level voltage for nominal
sync amplitude
1.8
2.15
2.5
V
ILI
input leakage current
−10
+10
µA
Crystal oscillator
OSCIN
VIL
LOW level input voltage
−0.3
0.2VDD − 0.1 V
VIH
HIGH level input voltage
0.7VDD
VDD + 0.3
V
CI
input capacitance
−−
10
pF
OSCOUT
fosc
crystal oscillator frequency
12
MHz
CO
output capacitance
−−
10
pF
CRYSTAL SPECIFICATION (note 2)
fxtal
nominal frequency
12
MHz
CL
load capacitance
32
pF
C1
series capacitance
Tamb =25 °C
18.5
fF
C0
parallel capacitance
Tamb =25 °C
4.9
pF
Rr
resonance resistance
Tamb =25 °C
35
−Ω
Txtal
temperature range
−20
+25
+70
°C
Xj
adjustment tolerance
Tamb =25 °C
−−
±50 × 10−6
Xd
drift
−−
±30 × 10−6
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SAA5491

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5491H PHILIPS-SAA5491H Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5491PS PHILIPS-SAA5491PS Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
More results

Similar Description - SAA5491

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com