Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLB-400-E Datasheet(PDF) 3 Page - RF Micro Devices

Part # NLB-400-E
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-400-E Datasheet(HTML) 3 Page - RF Micro Devices

  NLB-400-E Datasheet HTML 1Page - RF Micro Devices NLB-400-E Datasheet HTML 2Page - RF Micro Devices NLB-400-E Datasheet HTML 3Page - RF Micro Devices NLB-400-E Datasheet HTML 4Page - RF Micro Devices NLB-400-E Datasheet HTML 5Page - RF Micro Devices NLB-400-E Datasheet HTML 6Page - RF Micro Devices NLB-400-E Datasheet HTML 7Page - RF Micro Devices NLB-400-E Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
3-25
NLB-400
Rev A10 DS070123
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1RF IN
RF input pin. This pin is NOT internally DC blocked. A DC blocking capacitor,
suitable for the frequency of operation, should be used in most applica-
tions. DC coupling of the input is not allowed, because this will override the
internal feedback loop and cause temperature instability.
2GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3RF OUT
RF output and bias pin. Biasing is accomplished with an external series
resistor and choke inductor to V
CC. The resistor is selected to set the DC
current into this pin to a desired level. The resistor value is determined by
the following equation:
Care should also be taken in the resistor selection to ensure that the cur-
rent into the part never exceeds maximum datasheet operating current
over the planned operating temperature. This means that a resistor
between the supply and this pin is always required, even if a supply near
5.0V is available, to provide DC feedback to prevent thermal runaway.
Because DC is present on this pin, a DC blocking capacitor, suitable for the
frequency of operation, should be used in most applications. The supply
side of the bias network should also be well bypassed.
4GND
Same as pin 2.
R
V
CC
V
DEVICE
()
I
CC
-------------------------------------------
=
RF OUT
RF IN
B
N 5
C
A
D
4 M
S
Seating Plane
0.08 S
6
F
E
1 J
2
Kx3
L 3
H
0.1
G
Gauge Plane
A
B
C
D
E
F
G
H
J
1
K
2
L
3
M
4
N
5
0.535 REF.
MILLIMETERS
INCHES
Min.
Nom.
Max.
Min.
Nom.
Max.
0.021 REF.
2.39
2.54
2.69
0.094 0.100 0.106
0.436 0.510 0.586 0.017 0.020 0.023
2.19
2.34
2.49
0.086 0.092 0.098
1.91
2.16
2.41
0.075 0.085 0.095
1.32
1.52
1.72
0.052 0.060 0.068
0.10
0.15
0.20
0.004 0.006 0.008
0.535 0.660 0.785 0.021 0.026 0.031
0.05
0.10
0.15
0.002 0.004 0.006
0.65
0.75
0.85
0.025 0.029 0.033
0.85
0.95
1.05
0.033 0.037 0.041
4.53
4.68
4.83
0.178 0.184 0.190
4.73
4.88
5.03
0.186 0.192 0.198
NOTE: All dimensions are in millimeters, and
the dimensions in inches are for reference only.


Similar Part No. - NLB-400-E

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-400-E RFMD-NLB-400-E Datasheet
998Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
More results

Similar Description - NLB-400-E

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-400 RFMD-NLB-400_13 Datasheet
998Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
RF3816 RFMD-RF3816 Datasheet
59Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-400 RFMD-NBB-400_13 Datasheet
563Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com