Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLB-400 Datasheet(PDF) 4 Page - RF Micro Devices

Part # NLB-400
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-400 Datasheet(HTML) 4 Page - RF Micro Devices

  NLB-400 Datasheet HTML 1Page - RF Micro Devices NLB-400 Datasheet HTML 2Page - RF Micro Devices NLB-400 Datasheet HTML 3Page - RF Micro Devices NLB-400 Datasheet HTML 4Page - RF Micro Devices NLB-400 Datasheet HTML 5Page - RF Micro Devices NLB-400 Datasheet HTML 6Page - RF Micro Devices NLB-400 Datasheet HTML 7Page - RF Micro Devices NLB-400 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3
3-26
NLB-400
Rev A10 DS070123
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Bias Configuration
Application notes related to biasing circuit, device footprint, and thermal considerations are available on request.
Recommended Bias Resistor Values
Supply Voltage, VCC (V)
5
8
10
121520
Bias Resistor, RCC (Ω)
23
87
129
172
236
343
C block
1
3
4
2
C block
In
Out
L choke
(optional)
R
CC
V
CC
V
DEVICE


Similar Part No. - NLB-400

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-400 RFMD-NLB-400 Datasheet
998Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
NLB-400-E RFMD-NLB-400-E Datasheet
998Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
NLB-400-T1 RFMD-NLB-400-T1 Datasheet
998Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
NLB-400 RFMD-NLB-400_13 Datasheet
998Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
More results

Similar Description - NLB-400

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-400 RFMD-NLB-400_13 Datasheet
998Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
RF3816 RFMD-RF3816 Datasheet
59Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-400 RFMD-NBB-400_13 Datasheet
563Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com