Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA6581T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA6581T
Description  RDS/RBDS demodulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6581T Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA6581T Datasheet HTML 1Page - NXP Semiconductors SAA6581T Datasheet HTML 2Page - NXP Semiconductors SAA6581T Datasheet HTML 3Page - NXP Semiconductors SAA6581T Datasheet HTML 4Page - NXP Semiconductors SAA6581T Datasheet HTML 5Page - NXP Semiconductors SAA6581T Datasheet HTML 6Page - NXP Semiconductors SAA6581T Datasheet HTML 7Page - NXP Semiconductors SAA6581T Datasheet HTML 8Page - NXP Semiconductors SAA6581T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2001 May 07
2
Philips Semiconductors
Product specification
RDS/RBDS demodulator
SAA6581T
FEATURES
• Integrated switched capacitor filter
• Demodulates European Radio Data System (RDS) or
the USA Radio Broadcast Data System (RBDS) signals
• Oscillator frequencies: 4.332 or 8.664 MHz
• Integrated ARI clamping
• CMOS device
• Single supply voltage: 5 V
• Extended temperature range: −40 to +85 °C
• Low number of external components.
GENERAL DESCRIPTION
The RDS/RBDS demodulator is a CMOS device with
integrated filtering and demodulating of RDS/RBDS
signals coming from a multiplexed input data stream. Data
signal RDDA and clock signal RDCL are provided as
outputs for further processing by a suitable
microcomputer, for example CCR921 and CCR922.
The SAA6581T replaces SAA6579 in function and
pin-compatibility.
APPLICATIONS
The RDS/RBDS system offers a large range of
applications from the many functions that can be
implemented. For car radios the most important are:
• Program Service (PS) name
• Traffic Program (TP) identification
• Traffic Announcement (TA) signal
• Alternative Frequency (AF) list
• Program Identification (PI)
• Enhanced Other Networks (EON) information.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
4.0
5.0
5.5
V
VDDD
digital supply voltage
4.0
5.0
5.5
V
IDD(tot)
total supply current
6.0
mA
Vi(MPX)
RDS input sensitivity at pin MPX
1
−−
mV
fi(xtal)
crystal input frequency
4.332
MHz
8.664
MHz
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA6581T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1


Similar Part No. - SAA6581T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6581T NXP-SAA6581T Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
More results

Similar Description - SAA6581T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
logo
Sanyo Semicon Device
STK311-050 SANYO-STK311-050 Datasheet
160Kb / 8P
   RDS/RBDS Demodulator Synchronization and Error Correction?
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
logo
NXP Semiconductors
SAA6588 PHILIPS-SAA6588 Datasheet
176Kb / 28P
   RDS/RBDS pre-processor
1997 Sep 01
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com