Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA6579T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA6579T
Description  Radio Data System RDS demodulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6579T Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA6579T Datasheet HTML 1Page - NXP Semiconductors SAA6579T Datasheet HTML 2Page - NXP Semiconductors SAA6579T Datasheet HTML 3Page - NXP Semiconductors SAA6579T Datasheet HTML 4Page - NXP Semiconductors SAA6579T Datasheet HTML 5Page - NXP Semiconductors SAA6579T Datasheet HTML 6Page - NXP Semiconductors SAA6579T Datasheet HTML 7Page - NXP Semiconductors SAA6579T Datasheet HTML 8Page - NXP Semiconductors SAA6579T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1997 Feb 24
3
Philips Semiconductors
Product specification
Radio Data System (RDS) demodulator
SAA6579
BLOCK DIAGRAM
Fig.1 Block diagram and application circuit.
Via pin MODE two different crystal frequencies can be used.
MODE
CRYSTAL CLOCK
LOW
4.332 MHz
HIGH
8.664 MHz
handbook, full pagewidth
SAA6579
0.1
µF
ANTI-
ALIASING
FILTER
57 kHz
BANDPASS
(8th ORDER)
RECONSTRUCTION
FILTER
OSCILLATOR
AND
DIVIDER
CLOCKED
COMPARATOR
COSTAS LOOP
VARIABLE AND
FIXED DIVIDER
CLOCK
REGENERATION
AND SYNC
BIPHASE
SYMBOL
DECODER
DIFFERENTIAL
DECODER
TEST LOGIC AND OUTPUT
SELECTOR SWITCH
REFERENCE
VOLTAGE
2.2
µF
4
7
8
5
3
6
VDDA
Vref
VP1
13
14
QUAL
RDDA
RDCL
T57
QUALITY BIT
GENERATOR
1
2
15
16
11
12
2.2 k
82 pF
47 pF
4.332/8.664 MHz
MPX
signal
330 pF
9
10
MODE
TEST
560 pF
MEH162
VSSD
VDDD
+5 V
+5 V
OSCO
OSCI
MUX
SCOUT
CIN
0.1
µF
VSSA


Similar Part No. - SAA6579T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6581 PHILIPS-SAA6581 Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581T NXP-SAA6581T Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
SAA6588 PHILIPS-SAA6588 Datasheet
176Kb / 28P
   RDS/RBDS pre-processor
1997 Sep 01
More results

Similar Description - SAA6579T

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC6579 SILAN-SC6579 Datasheet
279Kb / 9P
   RADIO DATA SYSTEM (RDS) DEMODULATOR
logo
NEC
UPC2539 NEC-UPC2539 Datasheet
65Kb / 8P
   RDS DATA DEMODULATOR IC
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
   RDS Demodulator
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
LA2231 SANYO-LA2231 Datasheet
259Kb / 6P
   RDS Signal Demodulator
logo
Princeton Technology Co...
PT2579 PTC-PT2579 Datasheet
158Kb / 4P
   RDS Demodulator IC
PT2579 PTC-PT2579_10 Datasheet
477Kb / 21P
   RDS Demodulator IC
logo
Samsung semiconductor
S1A0905 SAMSUNG-S1A0905 Datasheet
54Kb / 6P
   RDS DEMODULATOR IC
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com