Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5117 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5117
Description  3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5117 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5117 Datasheet HTML 4Page - RF Micro Devices RF5117 Datasheet HTML 5Page - RF Micro Devices RF5117 Datasheet HTML 6Page - RF Micro Devices RF5117 Datasheet HTML 7Page - RF Micro Devices RF5117 Datasheet HTML 8Page - RF Micro Devices RF5117 Datasheet HTML 9Page - RF Micro Devices RF5117 Datasheet HTML 10Page - RF Micro Devices RF5117 Datasheet HTML 11Page - RF Micro Devices RF5117 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2-583
RF5117
Rev A12 060517
Evaluation Board with 11g Tuning
Gain versus VREG
for 11g Tuned PA
21
21.5
22
22.5
23
23.5
24
24.5
25
2.3
2.4
2.5
2.6
2.7
2.8
VREG (V)
Gain- (VCC=3V)
Gain- (VCC=3.3V)
EVM versus POUT (11g Tuned PA)
VCC = 3.0V, Gain = 23dB
0
20
40
60
80
100
120
140
14
14.5
15
15.5
16
16.5
17
17.5
18
POUT (dBm)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Icc(mA)2.4Vreg
Icc(mA)2.5Vreg
Icc(mA)2.6Vreg
Icc(mA)2.7Vreg
EVM%2.4Vreg
EVM%2.5Vreg
EVM%2.6Vreg
EVM%2.7Vreg
EVM versus POUT (11g Tuned PA)
VCC = 3.3V, Gain = 23dB
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
POUT (dBm)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Icc(mA)2.4Vreg
Icc(mA)2.5Vreg
Icc(mA)2.6Vreg
Icc(mA)2.7Vreg
EVM%2.4Vreg
EVM%2.5Vreg
EVM%2.6Vreg
EVM%2.7Vreg
ICC and Gain for 11b Waveform
in 11g Tuned PA
20
20.5
21
21.5
22
22.5
23
23.5
24
24.5
25
2.2
2.4
2.6
2.8
3
3.2
3.4
VREG (V)
150
160
170
180
190
200
210
220
230
240
250
Gain (3V, Po=22.5dBm)
Gain (3.3V, Po=23dBm)
Icc (3V, Po=22.5dBm)
Icc (3.3V, Po=23dBm)


Similar Part No. - RF5117

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5117 RFMD-RF5117 Datasheet
274Kb / 10P
   3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117 Datasheet
374Kb / 12P
   3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C Datasheet
275Kb / 12P
   3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C Datasheet
374Kb / 12P
   3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117CPCBA RFMD-RF5117CPCBA Datasheet
275Kb / 12P
   3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5117

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5117 RFMD-RF5117 Datasheet
274Kb / 10P
   3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117_1 Datasheet
374Kb / 12P
   3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C_1 Datasheet
374Kb / 12P
   3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C Datasheet
275Kb / 12P
   3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
   3V PCS LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com