Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3807PCK-411 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3807PCK-411
Description  GaAs HBT PRE-DRIVER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3807PCK-411 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3807PCK-411 Datasheet HTML 1Page - RF Micro Devices RF3807PCK-411 Datasheet HTML 2Page - RF Micro Devices RF3807PCK-411 Datasheet HTML 3Page - RF Micro Devices RF3807PCK-411 Datasheet HTML 4Page - RF Micro Devices RF3807PCK-411 Datasheet HTML 5Page - RF Micro Devices RF3807PCK-411 Datasheet HTML 6Page - RF Micro Devices RF3807PCK-411 Datasheet HTML 7Page - RF Micro Devices RF3807PCK-411 Datasheet HTML 8Page - RF Micro Devices RF3807PCK-411 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
4-624
RF3807
Rev A4 050912
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC and VBIAS)9.0
V
Power Control Voltage (VREF)9.0
V
DC Supply Current
250
mA
Maximum Input Power
see below
Output Load VSWR @ P1dB
4:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall - 450MHz
Frequency
420
480
MHz
IREF=14mA, VCC=8V, VREF=8V, VBIAS=8V,
Temp=+25°C
P1dB
+28.5
+29.0
+29.5
dBm
PIN, Maximum
16
dBm
Total Efficiency
51.0
53.5
55.0
%
@P1dB
Total Power Added Efficiency
50.0
52.5
54.0
%
@P1dB
Gain (S21)
16.0
16.5
17.0
dB
Second Harmonic (2fo)
-21.0
-19.0
-18.5
dBc
@P1dB
Third Harmonic (3fo)
-25.0
-21.0
-20.0
dBc
@P1dB
Input Return Loss (S11)
-15.0
-13.0
-11.0
dB
Output Return Loss (S22)
-8.0
-6.5
-6.0
dB
Two-Tone Specification
OIP3
38.0
40.0
dBm
15dBm/tone
39.5
42.0
dBm
17dBm/tone
41.0
43.5
dBm
19dBm/tone
42.5
44.5
dBm
21dBm/tone
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).


Similar Part No. - RF3807PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3807PCK-411 RFMD-RF3807PCK-411 Datasheet
781Kb / 20P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3807PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3809 RFMD-RF3809_1 Datasheet
809Kb / 22P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_06 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3806 RFMD-RF3806 Datasheet
557Kb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807_1 Datasheet
781Kb / 20P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com