Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3802 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF3802_06 Datasheet HTML 2Page - RF Micro Devices RF3802_06 Datasheet HTML 3Page - RF Micro Devices RF3802_06 Datasheet HTML 4Page - RF Micro Devices RF3802_06 Datasheet HTML 5Page - RF Micro Devices RF3802_06 Datasheet HTML 6Page - RF Micro Devices RF3802_06 Datasheet HTML 7Page - RF Micro Devices RF3802_06 Datasheet HTML 8Page - RF Micro Devices RF3802_06 Datasheet HTML 9Page - RF Micro Devices RF3802_06 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4-636
RF3802
Rev A6 050609
GSM850 Gain Phase versus POUT
(882 MHz)
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
20.0
25.0
30.0
35.0
40.0
POUT (dBm)
Gain (dB)
Normalized Phase (°)
GSM850 P1dB versus Frequency
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
865.0
870.0
875.0
880.0
885.0
890.0
895.0
900.0
Frequency (MHz)
Pin
Pout
GSM900 Gain Phase versus POUT
(940 MHz)
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
20.0
25.0
30.0
35.0
40.0
POUT (dBm)
Gain (dB)
Normalized Phase (°)
GSM900 P1dB versus Frequency
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
915.0
920.0 925.0
930.0 935.0
940.0
945.0
950.0
955.0
960.0
965.0
Frequency (MHz)
Pin
Pout
GSM900 Evaluation Board S-Parameters
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
915.0
920.0
925.0 930.0 935.0
940.0
945.0
950.0 955.0
960.0
965.0
Frequency (MHz)
S11
S21
S12
S22
GSM850 Evaluation Board S-Parameters
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
855.0
860.0 865.0
870.0
875.0 880.0
885.0
890.0
895.0 900.0
905.0
Frequency (MHz)
S11
S21
S12
S22


Similar Part No. - RF3802_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3802PCBA-410 RFMD-RF3802PCBA-410 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802PCBA-410 RFMD-RF3802PCBA-410 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802PCBA-411 RFMD-RF3802PCBA-411 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802PCBA-411 RFMD-RF3802PCBA-411 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3802_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3809 RFMD-RF3809_1 Datasheet
809Kb / 22P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3806 RFMD-RF3806 Datasheet
557Kb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807_1 Datasheet
781Kb / 20P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com