Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3378 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3378
Description  GENERAL PURPOSE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3378 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3378 Datasheet HTML 1Page - RF Micro Devices RF3378 Datasheet HTML 2Page - RF Micro Devices RF3378 Datasheet HTML 3Page - RF Micro Devices RF3378 Datasheet HTML 4Page - RF Micro Devices RF3378 Datasheet HTML 5Page - RF Micro Devices RF3378 Datasheet HTML 6Page - RF Micro Devices RF3378 Datasheet HTML 7Page - RF Micro Devices RF3378 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-616
RF3378
Rev A5 050524
Absolute Maximum Ratings
Parameter
Rating
Unit
Input RF Power
+13
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-60 to +150
°C
ICC
60
mA
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, ICC=40mA (See Note 1.)
Frequency Range
DC to >6000
MHz
3dB Bandwidth
6
GHz
Gain
11.6
12.6
dB
Freq=500MHz
11.5
12.5
dB
Freq=1000MHz
11.0
12.0
dB
Freq=2000MHz
11.5
dB
Freq=3000MHz (See Note)
11.2
dB
Freq=4000MHz (See Note)
11.3
dB
Freq=6000MHz (See Note)
Noise Figure
3.7
dB
Freq=2000MHz
Input VSWR
<1.75:1
In a 50
Ω system, DC to 6000MHz
Output VSWR
<1.77:1
In a 50
Ω system, DC to 6000MHz
Output IP3
+25.0
+26.0
dBm
Freq=2000MHz
Output P1dB
+12.0
+13.0
dBm
Freq=2000MHz
Reverse Isolation
16.5
dB
Freq=2000MHz
Thermal
ICC=40mA, PDISS=147mW. (See Note 3.)
ThetaJC
121
°C/W
Maximum Measured Junction
Temperature at DC Bias Con-
ditions
103
°C
TCASE=+85°C
Mean Time To Failures
70,000
years
TCASE=+85°C
Power Supply
With 22
Ω bias resistor
Device Operating Voltage
3.9
4.0
V
At pin 8 with ICC=40mA
4.8
5.1
V
At evaluation board connector, ICC=40mA
Operating Current
40
60
mA
See Note 2.
Note 1: All specification and characterization data has been gathered on standard FR-4 evaluation boards. These evaluation boards are
not optimized for frequencies above 2.5GHz. Performance above 2.5GHz may improve if a high performance PCB is used.
Note 2: The RF3378 must be operated at or below 60mA in order to achieve the thermal performance listed above. While the RF3378
may be operated at higher bias currents, 40mA is the recommended bias to ensure the highest possible reliability and electrical
performance.
Note 3: Because of process variations from part to part, the current resulting from a fixed bias voltage will vary. As a result, caution
should be used in designing fixed voltage bias circuits to ensure the worst case bias current does not exceed 60mA over all
intended operating conditions.
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).


Similar Part No. - RF3378

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3378 RFMD-RF3378 Datasheet
243Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3378 RFMD-RF3378_1 Datasheet
243Kb / 8P
   GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF3378

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
   GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
   General purpose amplifier
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
   General purpose amplifier
SBT5401F KODENSHI-SBT5401F Datasheet
267Kb / 5P
   General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com