Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9401 Datasheet(PDF) 3 Page - EPCOS

Part # B9401
Description  SAW Components Low-Loss Filter for Mobile Communication 942.50 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9401 Datasheet(HTML) 3 Page - EPCOS

  B9401 Datasheet HTML 1Page - EPCOS B9401 Datasheet HTML 2Page - EPCOS B9401 Datasheet HTML 3Page - EPCOS B9401 Datasheet HTML 4Page - EPCOS B9401 Datasheet HTML 5Page - EPCOS B9401 Datasheet HTML 6Page - EPCOS B9401 Datasheet HTML 7Page - EPCOS B9401 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Oct 21, 2005
B9401
942.50 MHz
SAW Components
Low-Loss Filter for Mobile Communication
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–20 to +75 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL = 150 Ω || 82 nH (balanced)
B9401
min.
typ.
@ 25˚C
max.
Center frequency
fC
942.5
MHz
Maximum insertion attenuation
α
max
925.0 ...
960.0
MHz
1.5
2.1
dB
Amplitude ripple (p-p)
∆α
925.0 ...
960.0
MHz
0.6
1.1
dB
Input VSWR
925.0 ...
960.0
MHz
1.7
2.0
Output VSWR
925.0 ...
960.0
MHz
1.7
2.0
Output amplitude balance (|S31/S21|)
925.0 ...
960.0
MHz
–1.0
-0.7/0.5
1.0
dB
Output phase balance (
φ(S
31)−φ(S21)+180˚)
925.0 ...
960.0
MHz
–5
-2/+3
5
˚
Attenuation
α
0.0 ...
480.0
MHz
45
53
dB
480.0 ...
900.0
MHz
30
34
dB
900.0 ...
905.0
MHz
25
28
dB
905.0 ...
915.0
MHz
20
24
dB
980.0 ... 1000.0
MHz
25
29
dB
1000.0 ... 1850.0
MHz
28
32
dB
1850.0 ... 1920.0
MHz
40
46
dB
1920.0 ... 3700.0
MHz
35
43
dB
3700.0 ... 6000.0
MHz
40
48
dB


Similar Part No. - B9401

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9400 EPCOS-B9400 Datasheet
91Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 881.50 MHz
B9402 EPCOS-B9402 Datasheet
106Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1842.50 MHz
B9403 EPCOS-B9403 Datasheet
72Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
B9406 EPCOS-B9406 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1842.50 MHz
B9407 EPCOS-B9407 Datasheet
93Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
More results

Similar Description - B9401

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com