Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39192B9312N410 Datasheet(PDF) 5 Page - EPCOS

Part # B39192B9312N410
Description  SAW Tx 2in1 Filter 836.5 / 1880.0 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39192B9312N410 Datasheet(HTML) 5 Page - EPCOS

  B39192B9312N410 Datasheet HTML 1Page - EPCOS B39192B9312N410 Datasheet HTML 2Page - EPCOS B39192B9312N410 Datasheet HTML 3Page - EPCOS B39192B9312N410 Datasheet HTML 4Page - EPCOS B39192B9312N410 Datasheet HTML 5Page - EPCOS B39192B9312N410 Datasheet HTML 6Page - EPCOS B39192B9312N410 Datasheet HTML 7Page - EPCOS B39192B9312N410 Datasheet HTML 8Page - EPCOS B39192B9312N410 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
May 31, 2006
B9312
836.5 / 1880.0 MHz
SAW Components
SAW Tx 2in1 Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Transfer function filter 1 (WCDMA band V)
Transfer function filter 1 (WCDMA band V) - wideband


Similar Part No. - B39192B9312N410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39192B9428K610 EPCOS-B39192B9428K610 Datasheet
81Kb / 9P
   SAW Tx filter WCDMA Band II (PCS-Band)
logo
TDK Electronics
B39192B9458P810 TDK-B39192B9458P810 Datasheet
130Kb / 8P
   SAW Tx filter
logo
EPCOS
B39192B9459P810 EPCOS-B39192B9459P810 Datasheet
110Kb / 9P
   SAW TX Filter PCS / WCDMA Band II
logo
TDK Electronics
B39192B9459P810 TDK-B39192B9459P810 Datasheet
129Kb / 9P
   SAW TX Filter
B39192B9468P810 TDK-B39192B9468P810 Datasheet
92Kb / 8P
   SAW filters for mobile communications
More results

Similar Description - B39192B9312N410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9425 EPCOS-B9425 Datasheet
86Kb / 7P
   SAW Tx filter 836.5 MHz
B9426 EPCOS-B9426 Datasheet
102Kb / 8P
   SAW Tx filter 836.5 MHz
logo
TriQuint Semiconductor
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
   836.5 MHz SAW Filter
logo
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
   836.5 MHz SAW Filter
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
   SAW Filter 836.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com