Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9308 Datasheet(PDF) 7 Page - EPCOS

Part # B9308
Description  SAW Rx 2in1 filter 942.5 / 1842.5 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9308 Datasheet(HTML) 7 Page - EPCOS

Back Button B9308 Datasheet HTML 2Page - EPCOS B9308 Datasheet HTML 3Page - EPCOS B9308 Datasheet HTML 4Page - EPCOS B9308 Datasheet HTML 5Page - EPCOS B9308 Datasheet HTML 6Page - EPCOS B9308 Datasheet HTML 7Page - EPCOS B9308 Datasheet HTML 8Page - EPCOS B9308 Datasheet HTML 9Page - EPCOS B9308 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
August 15, 2006
B9308
942.5 / 1842.5 MHz
SAW Components
SAW Rx 2in1 filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings of Filter 2
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
GSM 850, GSM 900
PIN
15
dBm
effective power in the on-state,
GSM 1800, GSM 1900
PIN
15
dBm
duty cycle 4:8
Tx bands


Similar Part No. - B9308

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9303 EPCOS-B9303 Datasheet
142Kb / 10P
   SAW Rx 2in1 filter 1842.5 / 1960.0 MHz
B9304 EPCOS-B9304 Datasheet
132Kb / 12P
   SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz
More results

Similar Description - B9308

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9305 EPCOS-B9305 Datasheet
135Kb / 12P
   SAW Rx 2in1 Filter 1842.5 / 1960.0 MHz
B9303 EPCOS-B9303 Datasheet
142Kb / 10P
   SAW Rx 2in1 filter 1842.5 / 1960.0 MHz
B9304 EPCOS-B9304 Datasheet
132Kb / 12P
   SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TE0106A TAI-SAW-TE0106A Datasheet
562Kb / 9P
   Dual SAW Filter 942.5 and 1842.5 MHz
logo
EPCOS
B9318 EPCOS-B9318 Datasheet
133Kb / 12P
   SAW Rx 2in1 filter
logo
TDK Electronics
B39941B9802J610 TDK-B39941B9802J610 Datasheet
256Kb / 12P
   SAW Rx 2in1 filter
logo
EPCOS
B9310 EPCOS-B9310 Datasheet
139Kb / 10P
   SAW Rx 2in1 filter 881.5 / 1960.0 MHz
B4236 EPCOS-B4236_1 Datasheet
198Kb / 10P
   SAW Rx 2in1 filter
logo
TDK Electronics
B39941B9904P810 TDK-B39941B9904P810 Datasheet
183Kb / 12P
   SAW Rx 2in1 filter
B39941B9828P810 TDK-B39941B9828P810 Datasheet
172Kb / 12P
   SAW Rx 2in1 filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com