Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9200 Datasheet(PDF) 3 Page - EPCOS

Part # B9200
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9200 Datasheet(HTML) 3 Page - EPCOS

  B9200 Datasheet HTML 1Page - EPCOS B9200 Datasheet HTML 2Page - EPCOS B9200 Datasheet HTML 3Page - EPCOS B9200 Datasheet HTML 4Page - EPCOS B9200 Datasheet HTML 5Page - EPCOS B9200 Datasheet HTML 6Page - EPCOS B9200 Datasheet HTML 7Page - EPCOS B9200 Datasheet HTML 8Page - EPCOS B9200 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Nov 28, 2005
SAW Components
B9200
881,5 / 1960,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 1 ( CDMA800 )
Operating temperature range:
T
= +25
± 2 ˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 100 Ω (balanced) || 100nH
min.
typ.
max.
Center frequency
fc
881,50
MHz
Maximum insertion attenuation
α
max
869,0
... 894,0
MHz
1,8
2,1
dB
Amplitude ripple (p-p)
∆α
869,0
... 894,0
MHz
0,6
1,0
dB
Input VSWR
869,0
... 894,0
MHz
1,7
1,9
Output VSWR
869,0
... 894,0
MHz
1,8
2,0
Output amplitude balance
(|S31/S21|)
869,0
... 894,0
MHz
-0,5
-0,1/+ 0,1
0,5
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
869,0
... 894,0
MHz
-5,0
-1/+ 2
5,0
degree
Inter-band isolation
α
min
1930,0
...1990,0
MHz
30,0
52,0
dB
Attenuation
α
min
10,0
... 824,0
MHz
45,0
65,0
dB
824,0
... 849,0
MHz
35,0
48,0
dB
915,0
... 960,0
MHz
23,0
26,0
dB
960,0
...3000,0
MHz
45,0
59,0
dB
3000,0
...6000,0
MHz
30,0
60,0
dB


Similar Part No. - B9200

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9202 EPCOS-B9202 Datasheet
85Kb / 7P
   Low-Loss Dual Band Filter for Mobile Communication
B9203 EPCOS-B9203 Datasheet
85Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
More results

Similar Description - B9200

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7653 EPCOS-B7653 Datasheet
84Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4226 EPCOS-B4226 Datasheet
138Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B9309 EPCOS-B9309 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
B4219 EPCOS-B4219 Datasheet
136Kb / 12P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B4154 EPCOS-B4154 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B4223 EPCOS-B4223 Datasheet
135Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9203 EPCOS-B9203 Datasheet
85Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com