Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6691ER Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6691ER
Description  SOT23Micro Power Boost Regulator Series White LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6691ER Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6691ER Datasheet HTML 5Page - Sipex Corporation SP6691ER Datasheet HTML 6Page - Sipex Corporation SP6691ER Datasheet HTML 7Page - Sipex Corporation SP6691ER Datasheet HTML 8Page - Sipex Corporation SP6691ER Datasheet HTML 9Page - Sipex Corporation SP6691ER Datasheet HTML 10Page - Sipex Corporation SP6691ER Datasheet HTML 11Page - Sipex Corporation SP6691ER Datasheet HTML 12Page - Sipex Corporation SP6691ER Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image

Jun26-07 Rev D
Micro Power Boost Regulator Series White LED Driver
© 2007 Sipex Corporation
Output Voltage Program
The SP6691 can be programmed as either a
voltage source or a current source. To program
the SP6691 as voltage source, the SP6691 re-
quires 2 feedback resistors R1 & R2 to control
the output voltage. As shown in Figure 22.
Table 4. Divider Resistor Selection
Brightness Control
Dimming control can be achieved by applying a
PWM control signal to the SHDN pin. The
brightness of the white LEDs is controlled by
increasing and decreasing the duty cycle of the
PWM signal. A 0% duty cycle corresponds to
zero LED current and a 100% duty cycle corre-
sponds to full load current. While the operating
frequency range of the PWM control is from
60Hz to 700Hz, the recommended maximum
brightness frequency range of the PWM signal
is from 60Hz to 200Hz. A repetition rate of at
least 60Hz is required to prevent flicker. The
magnitude of the PWM signal should be higher
than the minimum SHDN voltage high.
Open Circuit Protection
When any white LED inside the white LED
module fails or the LED module is disconnected
from the circuit, the output and the feedback
control will be open, thus resulting in a high
output voltage, which may cause the SW pin
voltage to exceed it maximum rating. In this
case, a zener diode can be used at the output to
limit the voltage on the SW pin and protect the
part. The zener voltage should be larger than the
maximum forward voltage of the White LED
module.
APPLICATION INFORMATION: Continued
L1
1.22V
R2
D1
C1
C2
R1
VOUT
U1
SP6691
1
2
3
4
5
SW
G ND
FB
SHDN
V
IN
VIN
Figure 22. Using SP6691 as Voltage Source
The formula and table for the resistor selection
are shown below:
R1 =
( VOUT - 1 ) • R2
1.22
precision resistors are recommended. Table 3
below shows the Rb selection for different white
LED currents. For example, to set the operating
current to be 20mA, Rb is selected as 60.4 , as
shown in the schematic.
Table 3. Bias Resistor Selection
IF (mA)
Rb ( )
5
243
10
121
12
102
15
80.6
20
60.4
VOUT (V)
R1 ( )
R2 ( )
12
1M
113K
15
1M
88.7K
18
1M
73.2K
21
1M
61.9K
30
1M
42.2K


Similar Part No. - SP6691ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6691EB SIPEX-SP6691EB Datasheet
178Kb / 6P
   Evaluation Board Manual
SP6691EU SIPEX-SP6691EU Datasheet
178Kb / 6P
   Evaluation Board Manual
More results

Similar Description - SP6691ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6690 SIPEX-SP6690 Datasheet
270Kb / 16P
   Micro Power Boost Regulator Series White LED Driver
SP6691 SIPEX-SP6691 Datasheet
253Kb / 15P
   Micro Power Boost Regulator Series White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
   40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
   40V PWM Boost Regulator White LED Driver
logo
Intersil Corporation
EL7630 INTERSIL-EL7630 Datasheet
223Kb / 7P
   White LED Boost Regulator
EL7630 INTERSIL-EL7630_06 Datasheet
222Kb / 7P
   White LED Boost Regulator
logo
Renesas Technology Corp
EL7630 RENESAS-EL7630 Datasheet
388Kb / 7P
   White LED Boost Regulator
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com