Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP7122 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7122
Description  2 or 3 Channel Low Dropout High Side Linear LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7122 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7122 Datasheet HTML 1Page - Sipex Corporation SP7122 Datasheet HTML 2Page - Sipex Corporation SP7122 Datasheet HTML 3Page - Sipex Corporation SP7122 Datasheet HTML 4Page - Sipex Corporation SP7122 Datasheet HTML 5Page - Sipex Corporation SP7122 Datasheet HTML 6Page - Sipex Corporation SP7122 Datasheet HTML 7Page - Sipex Corporation SP7122 Datasheet HTML 8Page - Sipex Corporation SP7122 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Jun29-07 RevD
SP7120/22 Low Dropout LED Driver
© 2007 Sipex Corporation
page
1
FEATURES
LED Driver for common cathode parallel
connected LEDs
Ultra Low Dropout Voltage of 150mV
No EMI, no switching noise
Integrated current matching
PWM and Analog brightness control
Enable/Shutdown control
Shutdown current < 1µA
Lead Free, RoHS Compliant Package:
Small footprint SOT23-6
APPLICATIONS
Mobile Phones
PDA, DSC, MP3 players
Handheld Computers
Keypads and display backlight
GENERAL DESCRIPTION
The SP712X driver’s family provides a simple solution for a matched current source for any
color common cathode LED configuration. The common cathode connection allows the user to
increase the LED power dissipation by having the cathodes heat-sinked to the ground plane of
the circuit board. The SP7120 may drive two LEDs or one LED at twice the current with two
channels connected in parallel. The SP7122 can drive three LEDs or one LED at three times
the current. The factory preset current values are 15mA (version A), 20mA (version B), or 25mA
(version C) per channel. In shutdown mode (EN pin is LOW), the supply current drops to 40nA
typical. The SP712x drivers are available in a small footprint 6-pin SOT23-6 package.
APPLICATION SCHEMATIC
SP7120 Powering 2 LEDs
2 or 3 Channel Low Dropout
High Side Linear LED Driver
SP7120/22
C1 1nF


Similar Part No. - SP7122

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7122 SIPEX-SP7122 Datasheet
71Kb / 4P
   Evaluation Board Manual
SP7122AEB SIPEX-SP7122AEB Datasheet
71Kb / 4P
   Evaluation Board Manual
SP7122BEB SIPEX-SP7122BEB Datasheet
71Kb / 4P
   Evaluation Board Manual
SP7122CEB SIPEX-SP7122CEB Datasheet
71Kb / 4P
   Evaluation Board Manual
More results

Similar Description - SP7122

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
   2-Channel Adjustable Low Dropout High Side Linear LED Driver
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
   2-4 Channel Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
   Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
   Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE82453-3SA INFINEON-TLE82453-3SA_15 Datasheet
2Mb / 71P
   3 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
TLE82452-3SA INFINEON-TLE82452-3SA_15 Datasheet
2Mb / 71P
   2 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
   Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
logo
Richtek Technology Corp...
RT9301 RICHTEK-RT9301 Datasheet
250Kb / 9P
   3-Channel Low Dropout RGB LED Driver
RT9301 RICHTEK-RT9301_11 Datasheet
273Kb / 10P
   3-Channel Low Dropout RGB LED Driver
logo
SG Micro Corp
SGM3128 SGMICRO-SGM3128 Datasheet
288Kb / 10P
   3-Channel LowDropout Low Side White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com