Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6659 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6659_06 Datasheet HTML 3Page - Sipex Corporation SP6659_06 Datasheet HTML 4Page - Sipex Corporation SP6659_06 Datasheet HTML 5Page - Sipex Corporation SP6659_06 Datasheet HTML 6Page - Sipex Corporation SP6659_06 Datasheet HTML 7Page - Sipex Corporation SP6659_06 Datasheet HTML 8Page - Sipex Corporation SP6659_06 Datasheet HTML 9Page - Sipex Corporation SP6659_06 Datasheet HTML 10Page - Sipex Corporation SP6659_06 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Date: 9/25/06 Rev C
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© 2006 Sipex Corporation
In the Idle Mode, the inductor current may
reach zero Amps or reverse on each pulse.
The PWM control loop will automatically
skip pulses to maintain output regulation.
The bottom MOSFET is turned off by the
current reversal comparator, IZERO, and the
switch voltage will ring. This is the discon-
tinuous mode of operation, and is normal
behavior for the switching regulator.
_______________________ DROPOUT
OPERATION
When the input voltage decreases toward
the value of the output voltage, the SP6659
allows the main switch to remain on for more
than one switching cycle and increases the
duty cycle until it reaches 100%.
The duty cycle D of a step-down converter is
defined as:
D = T
ON X ƒOSC X 100%
≈ VOUT
X 100%
V
IN
where TON is the main switch on time, and
ƒ
OSC is the oscillator frequency (1.5Mhz).
The output voltage then is the input voltage
minus the voltage drop across the main
switch and the inductor. At low input supply
voltages, the RDSON of the P-Channel
MOSFET increases, and the efficiency of
the converter decreases. Caution must be
exercised to ensure that the heat dissipated
does not exceed the maximum junction tem-
perature of the IC.
THEORY OF OPERATION
________________________ MAXIMUM
LOAD CURRENT
The SP6659 will operate with an input sup-
ply voltage as low as 2.5V, however, the
maximum load current decreases at lower
inputs due to a large IR drop on the main
switch and synchronous rectifier. The slope
compensation signal reduces the peak in-
ductor current as a function of the duty cycle
to prevent sub-harmonic oscillations at duty
cycles greater than 50%. Conversely, the
current limit increases as the duty cycle
decreases.
_______________________ INDUCTOR
SELECTION
For most designs, the SP6659 operates with
inductors of 1μH to 4.7μH. Low inductance
values are physically smaller but require
faster switching, which can result in some
efficiency loss. The inductor value can be
derived from the following equation:
L = VOUT X (VINMax - VOUT)
VINMax X ΔIL X ƒ
OSC
Where ΔIL is the inductor Ripple Current.
Large value inductors lower ripple current
and small value inductors result in higher
ripple current. Choose inductors at ripple
current of approximately 35% of the maxi-
mum load current 600mA, or ~ 210mA.
For output voltages above 2.0V, when light-
load efficiency is important, the minimum
recommended inductor is 2.2μH. For opti-
mum voltage-positioning load transients,


Similar Part No. - SP6659_06

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659EB SIPEX-SP6659EB Datasheet
95Kb / 3P
   Evaluation Board Manual
SP6659EK1 SIPEX-SP6659EK1 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1-1.5 SIPEX-SP6659EK1-1.5 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1-1.8/TR SIPEX-SP6659EK1-1.8/TR Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1/TR SIPEX-SP6659EK1/TR Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
More results

Similar Description - SP6659_06

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com