Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39881-B9001-C710 Datasheet(PDF) 9 Page - EPCOS

Part # B39881-B9001-C710
Description  SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39881-B9001-C710 Datasheet(HTML) 9 Page - EPCOS

Back Button B39881-B9001-C710 Datasheet HTML 2Page - EPCOS B39881-B9001-C710 Datasheet HTML 3Page - EPCOS B39881-B9001-C710 Datasheet HTML 4Page - EPCOS B39881-B9001-C710 Datasheet HTML 5Page - EPCOS B39881-B9001-C710 Datasheet HTML 6Page - EPCOS B39881-B9001-C710 Datasheet HTML 7Page - EPCOS B39881-B9001-C710 Datasheet HTML 8Page - EPCOS B39881-B9001-C710 Datasheet HTML 9Page - EPCOS B39881-B9001-C710 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Oct 09, 2003
SAW Components
B9001
881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Output amplitude balance (
|S31/S21|; 50 Ω to 150 Ω operation)
Output phase balance (
φ(S31)−φ(S21)+180˚; 50 Ω to 150 Ω operation)


Similar Part No. - B39881-B9001-C710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39881-B9004-E710 EPCOS-B39881-B9004-E710 Datasheet
63Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B39881-B9006-E710 EPCOS-B39881-B9006-E710 Datasheet
73Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results

Similar Description - B39881-B9001-C710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7751 EPCOS-B7751 Datasheet
61Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9004 EPCOS-B9004 Datasheet
63Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9032 EPCOS-B9032 Datasheet
59Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7753 EPCOS-B7753 Datasheet
106Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7842 EPCOS-B7842 Datasheet
70Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7730 EPCOS-B7730 Datasheet
94Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9006 EPCOS-B9006 Datasheet
73Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com