Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6205EM5-2-7 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6205EM5-2-7
Description  Low Noise, 300mA and 500mA CMOS LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6205EM5-2-7 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6205EM5-2-7 Datasheet HTML 1Page - Sipex Corporation SP6205EM5-2-7 Datasheet HTML 2Page - Sipex Corporation SP6205EM5-2-7 Datasheet HTML 3Page - Sipex Corporation SP6205EM5-2-7 Datasheet HTML 4Page - Sipex Corporation SP6205EM5-2-7 Datasheet HTML 5Page - Sipex Corporation SP6205EM5-2-7 Datasheet HTML 6Page - Sipex Corporation SP6205EM5-2-7 Datasheet HTML 7Page - Sipex Corporation SP6205EM5-2-7 Datasheet HTML 8Page - Sipex Corporation SP6205EM5-2-7 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image

Date: Apr2-07
SP6203/SP6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© 2007 Sipex Corporation
SP6203/6205
Low Noise, 300mA and 500mA CMOS LDO Regulators

Date: 2//05
SP6203/6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© Copyright 2005 Sipex Corporation
Very Low Dropout Voltage: 0.6 PMOS Pass
Device
Accurate Output Voltage: 2% over Temperature
Guaranteed 500mA Output Current: SP6205
Ultra Low Noise Output: 2µV
RMS with 0nF
Bypass
Unconditionally Stable with 2.2µF Ceramic
Low Quiescent Current: 5µA
Very Low Ground Current: 350µA at 500 mA
Power-Saving Shutdown Mode: < µA
Fast Turn-On and Turn-Off: 60µS
Fast Transient Response
Current Limit and Thermal Shutdown Protection
Very Good Load/Line Regulation: 0.07/0.0%
Excellent PSRR: 67dB < kHz
Industry Standard SOT-23-5 and Small  pin
2X3 DFN Package
Fixed Output Voltages: 2.5V, 2.7V, 2.V,
2.5V, 3.0V and 3.3V
Adjustable Output Available
Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203/6205
DESCRiPTiON
Cellular / GSM Phones
Laptop / Palmtop Computers
Battery-Powered Systems
Pagers
Medical Devices
MP3/CD Players
Digital Still Cameras
FEATURES
APPLiCATiONS
®
The SP6203/6205 are ultra low noise CMOS LDOs with very low dropout and ground current. The noise
performance is achieved by means of an external bypass capacitor without sacrificing turn-on and turn-off
speedcriticaltoportableapplications.Extremelystableandeasytouse,thesedevicesofferexcellentPSRR
and Line/Load regulation. Target applications include battery-powered equipment such as portable and
wirelessproducts.Regulators'groundcurrentincreasesonlyslightlyindropout.Fastturn-on/turn-offenable
control and an internal 30 pull down on output allows quick discharge of output even under no load
conditions. Both LDOs are protected with current limit and thermal shutdown.
Both LDOs are available in fixed & adjustable output voltage versions and come in an industry standard
SOT-23 5-pin and small 2X3 pin DFN packages. For SC-70 00mA CMOS LDO, SP623 is available.
TYPiCAL APPLiCATiON CiRCUiT
3
2
1
COUT
2.2
µF Ceramic
VOUT
VIN
EN
BYP
4
5
SP6203
SP6205
5-Pin
FIXED
CIN
2.2
µF
3
2
1
COUT
2.2
µF Ceramic
VOUT
VIN
EN
ADJ
4
5
SP6203
SP6205
5-Pin
ADJUSTABLE
CIN
2.2
µF
Now Available in Lead Free Packaging
VOUT
SP6203
SP6205
8 Pin DFN
VIN
NC
VOUT
BYP
GND
EN
NC

2
3


7
6
5
FiXED
SP6203
SP6205
8 Pin DFN
VIN
NC
VOUT
GND
EN
NC

2
3


7
6
5
ADJ
NC
ADJUSTABLE
Solved by
TM


Similar Part No. - SP6205EM5-2-7

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6205EM5-2.5 SIPEX-SP6205EM5-2.5 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6205EM5-2.5/TR SIPEX-SP6205EM5-2.5/TR Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6205EM5-2.7 SIPEX-SP6205EM5-2.7 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6205EM5-2.7/TR SIPEX-SP6205EM5-2.7/TR Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6205EM5-2.8 SIPEX-SP6205EM5-2.8 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
More results

Similar Description - SP6205EM5-2-7

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6203 SIPEX-SP6203 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
Exar Corporation
SP6205EM5-L-3-3-TR EXAR-SP6205EM5-L-3-3-TR Datasheet
1Mb / 15P
   300mA/500mA Low Noise CMOS LDO Regulators
SP6203EM5-L EXAR-SP6203EM5-L Datasheet
1Mb / 15P
   300mA/500mA Low Noise CMOS LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com