Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5244AGP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA5244AGP
Description  Integrated VIP and teletext decoder IVT1.1
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5244AGP Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA5244AGP Datasheet HTML 1Page - NXP Semiconductors SAA5244AGP Datasheet HTML 2Page - NXP Semiconductors SAA5244AGP Datasheet HTML 3Page - NXP Semiconductors SAA5244AGP Datasheet HTML 4Page - NXP Semiconductors SAA5244AGP Datasheet HTML 5Page - NXP Semiconductors SAA5244AGP Datasheet HTML 6Page - NXP Semiconductors SAA5244AGP Datasheet HTML 7Page - NXP Semiconductors SAA5244AGP Datasheet HTML 8Page - NXP Semiconductors SAA5244AGP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
March 1992
5
Philips Semiconductors
Product specification
Integrated VIP and teletext decoder
(IVT1.1)
SAA5244A
PINNING
SYMBOL
SOT129 SOT205A
DESCRIPTION
VDD
1
18
+5 V supply
OSCOUT
2
19
27 MHz crystal oscillator output
OSCIN
3
20
27 MHz crystal oscillator input
OSCGND
4
21
0 V crystal oscillator ground
VSS
5
22
0 V ground
REF
−−
negative reference voltage for the ADC. The pin should be connected to 0 V
REF+
6
23
positive reference voltage for the ADC. The pin should be connected to +5 V
BLACK
7
24
video black level storage pin, connected to ground via a 100 nF capacitor
CVBS
8
25
composite video input pin. A positive-going 1 V (peak-to-peak) input is required,
connected via a 100 nF capacitor
IREF
9
26
reference current input pin, connected to ground via a 27 k
Ω resistor
VDD
10
27
+5 V supply
POL
11
28
STTV/LFB/FFB polarity selection pin
STTV/LFB
12
29
sync to TV output pin/line flyback input pin. Function controlled by an internal
register bit (scan sync mode)
VCR/FFB
13
32
PLL time constant switch/field flyback input pin. Function controlled by an
internal register bit (scan sync mode)
VSS
14
33
0 V ground
R
15
34
dot rate character output of the RED colour information
G
16
35
dot rate character output of the GREEN colour information
B
17
36
dot rate character output of the BLUE colour information
RGBREF
18
37
input DC voltage to define the output high level on the RGB pins
BLAN
19
38
dot rate fast blanking output
VSS
20
39
0 V ground
COR
21
40
programmable output to provide contrast reduction of the TV picture for mixed
text and picture displays or when viewing newsflash/subtitle pages; open drain
output
ODD/EVEN
22
41
25 Hz output synchronized with the CVBS input’s field sync pulses to produce a
non-interlaced display by adjustment of the vertical deflection currents
Y
23
42
dot rate character output of teletext foreground colour information open drain
output
SCL
24
43
serial clock input for the I2C-bus. It can still be driven during power-down of the
device
SDA
25
44
serial data port for the I2C-bus; open drain output. It can still be driven during
power-down of the device
n.c.
4 to 7
30, 31
not connected
i.c.
26 to 40 1 to 3
8 to 17
internally connected. Must be left open-circuit in application


Similar Part No. - SAA5244AGP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA5243 ETC-SAA5243 Datasheet
2Mb / 34P
   ENHANCED COMPUTER CONTROLLED TELETEXT CIRCUITS
SAA5243E ETC-SAA5243E Datasheet
2Mb / 34P
   ENHANCED COMPUTER CONTROLLED TELETEXT CIRCUITS
SAA5243H ETC-SAA5243H Datasheet
2Mb / 34P
   ENHANCED COMPUTER CONTROLLED TELETEXT CIRCUITS
SAA5243K ETC-SAA5243K Datasheet
2Mb / 34P
   ENHANCED COMPUTER CONTROLLED TELETEXT CIRCUITS
SAA5243L ETC-SAA5243L Datasheet
2Mb / 34P
   ENHANCED COMPUTER CONTROLLED TELETEXT CIRCUITS
More results

Similar Description - SAA5244AGP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
   Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
SAA5249 PHILIPS-SAA5249 Datasheet
821Kb / 44P
   Integrated VIP and Teletext with Background Memory Controller IVT1.1BMCX
1996 Nov 07
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
STV5248 STMICROELECTRONICS-STV5248 Datasheet
547Kb / 30P
   MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
STV5345 STMICROELECTRONICS-STV5345 Datasheet
579Kb / 25P
   TELETEXT DECODER WITH 8 INTEGRATED PAGES
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
STV5346 STMICROELECTRONICS-STV5346 Datasheet
471Kb / 21P
   MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
SDA5243 STMICROELECTRONICS-SDA5243 Datasheet
1Mb / 20P
   COMPUTER-CONTROLLED TELETEXT DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com