Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH4S64BBKG-8 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MH4S64BBKG-8
Description  268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH4S64BBKG-8 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MH4S64BBKG-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH4S64BBKG-8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH4S64BBKG-8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH4S64BBKG-8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH4S64BBKG-8 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH4S64BBKG-8 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH4S64BBKG-8 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH4S64BBKG-8 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH4S64BBKG-8 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
MH4S64BBKG -7,-7L,-8,-8L,-10,-10L
268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
22.Dec.1998
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0295-0.0
PIN FUNCTION
Input
Master Clock:All other inputs are referenced to the rising
edge of CK
CKE0
Input
Clock Enable:CKE controls internal clock.When CKE is
low,internal clock for the following cycle is ceased. CKE is
also used to select auto / self refresh. After self refresh
mode is started, CKE E becomes asynchronous input.Self
refresh is maintained as long as CKE is low.
/S0
Input
Chip Select: When /S is high,any command means
No Operation.
/RAS,/CAS,/WE
Input
Combination of /RAS,/CAS,/WE defines basic commands.
A0-11
Input
A0-11 specify the Row/Column Address in conjunction with
BA0,1.The Row Address is specified by A0-11.The Column
Address is specified by A0-7.A10 is also used to indicate
precharge option.When A10 is high at a read / write
command, an auto precharge is performed. When A10 is
high at a precharge command, both banks are precharged.
BA0,1
Input
Bank Address:BA0,1 is not simply BA.BA specifies the
bank to which a command is applied.BA0,1 must be set
with ACT,PRE,READ,WRITE commands
DQ0-63
Input/Output Data In and Data out are referenced to the rising edge of
CK
DQMB0-7
Input
Din Mask/Output Disable:When DQMB is high in burst
write.Din for the current cycle is masked.When DQMB is high
in burst read,Dout is disabled at the next but one cycle.
Vdd,Vss
Power Supply Power Supply for the memory mounted module.
SCL
SDA
Input
Output
Serial clock for serial PD
Serial data for serial PD
6
CLK
(CLK0 ~ CLK1)


Similar Part No. - MH4S64BBKG-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4S64BKG-10 MITSUBISHI-MH4S64BKG-10 Datasheet
572Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BKG-10L MITSUBISHI-MH4S64BKG-10L Datasheet
572Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BLG-10 MITSUBISHI-MH4S64BLG-10 Datasheet
586Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BLG-7 MITSUBISHI-MH4S64BLG-7 Datasheet
586Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BLG-8 MITSUBISHI-MH4S64BLG-8 Datasheet
586Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH4S64BBKG-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4S64DBKG-7 MITSUBISHI-MH4S64DBKG-7 Datasheet
681Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BKG-10 MITSUBISHI-MH4S64BKG-10 Datasheet
572Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64CBMD-10 MITSUBISHI-MH4S64CBMD-10 Datasheet
708Kb / 47P
   268435456-BIT (4194304-WORD BY 64-BIT)SynchronousDRAM
MH4S64CWZTJ-12 MITSUBISHI-MH4S64CWZTJ-12 Datasheet
678Kb / 44P
   268435456-BIT (4194304-WORD BY 64-BIT)SynchronousDRAM
MH4S64BLG-7 MITSUBISHI-MH4S64BLG-7 Datasheet
586Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64CZTJ-12 MITSUBISHI-MH4S64CZTJ-12 Datasheet
706Kb / 45P
   268435456-BIT (4194304-WORD BY 64-BIT)SynchronousDRAM
MH4S72BLG-7 MITSUBISHI-MH4S72BLG-7 Datasheet
587Kb / 55P
   301989888-BIT (4194304 - WORD BY 72-BIT)SynchronousDRAM
MH4S72CMA-10 MITSUBISHI-MH4S72CMA-10 Datasheet
687Kb / 47P
   301989888-BIT (4194304-WORD BY 72-BIT)SynchronousDRAM
MH4V6445BXJJ-5 MITSUBISHI-MH4V6445BXJJ-5 Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V64AXJJ MITSUBISHI-MH4V64AXJJ Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com