Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3330 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF3330
Description  IF GAIN CONTROLLED AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3330 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF3330 Datasheet HTML 2Page - RF Micro Devices RF3330 Datasheet HTML 3Page - RF Micro Devices RF3330 Datasheet HTML 4Page - RF Micro Devices RF3330 Datasheet HTML 5Page - RF Micro Devices RF3330 Datasheet HTML 6Page - RF Micro Devices RF3330 Datasheet HTML 7Page - RF Micro Devices RF3330 Datasheet HTML 8Page - RF Micro Devices RF3330 Datasheet HTML 9Page - RF Micro Devices RF3330 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
3-142
RF3330
Rev A4 060908
Output
On the output, the losses due to the resistive matching
pad must also be calibrated out of the setup. Because
of the 1:1 transformer, the spectrum analyzer appears
as a 50
Ω resistor in parallel with this circuit (see Figure
2). Equation 4 illustrates the calculation necessary to
obtain the amount of loss due to this matching circuit.
The balun also has an additional 0.5dB to 1.0dB of
loss, which is added in to the overall output losses.
This was verified with a spectrum analyzer probe. The
offset used in the test setup is 32.5dB on the spectrum
analyzer.
Resistive Pad Loss=
20*log(25/(470+25+470))=-31.7dBEq. 4
3330410 Evaluation Board
1:1
Transformer
Frequency =
1 MHz to
150 MHz
Spectrum Analyzer
Resistive
Match
Mini-Circuits
ZMSCJ-2-1
Divider
Frequency =
1 MHz to
150 MHz
Frequency =
1 MHz to
150 MHz
Signal Generator
RF3330
Figure 1. RF3330 Test Setup
R4
470
Ω
R3
51
Ω
50
Ω
R2
470
Ω
Figure 2. Equivalent Output Circuit


Similar Part No. - RF3330

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3330 RFMD-RF3330 Datasheet
143Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330 Datasheet
313Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330PCBA RFMD-RF3330PCBA Datasheet
143Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330PCBA-41X RFMD-RF3330PCBA-41X Datasheet
313Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330_1 Datasheet
313Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
More results

Similar Description - RF3330

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
   GAIN CONTROLLED IF AMPLIFIER
RF3330 RFMD-RF3330 Datasheet
143Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330_1 Datasheet
313Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
logo
Infineon Technologies A...
TDA6192 INFINEON-TDA6192 Datasheet
442Kb / 26P
   Gain-controlled IF Amplifier
Version 2.1 May 2002
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com