Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3315 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3315
Description  BROADBAND HIGH LINEARITY AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3315 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3315_06 Datasheet HTML 4Page - RF Micro Devices RF3315_06 Datasheet HTML 5Page - RF Micro Devices RF3315_06 Datasheet HTML 6Page - RF Micro Devices RF3315_06 Datasheet HTML 7Page - RF Micro Devices RF3315_06 Datasheet HTML 8Page - RF Micro Devices RF3315_06 Datasheet HTML 9Page - RF Micro Devices RF3315_06 Datasheet HTML 10Page - RF Micro Devices RF3315_06 Datasheet HTML 11Page - RF Micro Devices RF3315_06 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
4-566
RF3315
Rev A10 050318
S11
3 GHz
300 MHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
S11
Swp Max
3GHz
Swp Min
0.3GHz
S22
3 GHz
300 MHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
S22
Swp Max
3GHz
Swp Min
0.3GHz


Similar Part No. - RF3315_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315PCBA-410 RFMD-RF3315PCBA-410 Datasheet
228Kb / 12P
   ROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-410 RFMD-RF3315PCBA-410 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-411 RFMD-RF3315PCBA-411 Datasheet
228Kb / 12P
   ROADBAND HIGH LINEARITY AMPLIFIER
RF3315PCBA-411 RFMD-RF3315PCBA-411 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
More results

Similar Description - RF3315_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315_12 Datasheet
864Kb / 16P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
Maxim Integrated Produc...
MAX3524 MAXIM-MAX3524 Datasheet
176Kb / 7P
   Low-Noise, High-Linearity Broadband Amplifier
Rev 2; 6/05
logo
Stanford Microdevices
CGA-6618 STANFORD-CGA-6618 Datasheet
323Kb / 5P
   DUAL CATV BROADBAND HIGH LINEARITY GAAS HBT AMPLIFIER
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z_12 Datasheet
417Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
CGA-3318 SIRENZA-CGA-3318 Datasheet
236Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
Stanford Microdevices
CGA-3318 STANFORD-CGA-3318 Datasheet
355Kb / 8P
   Dual CATV Broadband High Linearity SiGe HBT Amplifier
logo
RF Micro Devices
CGA-3318Z RFMD-CGA-3318Z Datasheet
297Kb / 10P
   DUAL CATV BROADBAND HIGH LINEARITY SiGe HBT AMPLIFIER
logo
Freescale Semiconductor...
MMG3H21NT1 FREESCALE-MMG3H21NT1 Datasheet
287Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com