Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3166D Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3166D
Description  DUAL-BAND GSM900/DCS POWER AMP MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166D Datasheet(HTML) 5 Page - RF Micro Devices

  RF3166D Datasheet HTML 1Page - RF Micro Devices RF3166D Datasheet HTML 2Page - RF Micro Devices RF3166D Datasheet HTML 3Page - RF Micro Devices RF3166D Datasheet HTML 4Page - RF Micro Devices RF3166D Datasheet HTML 5Page - RF Micro Devices RF3166D Datasheet HTML 6Page - RF Micro Devices RF3166D Datasheet HTML 7Page - RF Micro Devices RF3166D Datasheet HTML 8Page - RF Micro Devices RF3166D Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2-495
RF3166D
Rev A2 061006
Pin
Function
Description
Interface Schematic
1DCS IN
RF input to the DCS band. This is a 50
Ω input.
2
BAND
SELECT
Allows external control to select the GSM or DCS band with a logic high
or low. A logic low enables the GSM band whereas a logic high enables
the DCS band.
3
TX ENABLE This signal enables the PA module for operation with a logic high.
4VBATT
Power supply for the module. This should be connected to the battery.
5GND
6
VRAMP
Ramping signal from DAC. A 300kHz lowpass filter is integrated into
the CMOS. No external filtering is required.
7
GSM IN
RF input to the GSM band. This is a 50
Ω input.
8GSM OUT
RF output for the GSM band. This is a 50
Ω output. The output load line
matching is contained internal to the package.
9
DCS/PCS
OUT
RF output for the DCS band. This is a 50
Ω output. The output load line
matching is contained internal to the package.
Pkg
Base
GND
GSMCTRL
DCSCTRL
BANDSEL
TXEN
TX EN
VBATT
TX ON
VR AM P
30 0 kH z


Similar Part No. - RF3166D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3166D RFMD-RF3166D Datasheet
365Kb / 14P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166DPCBA-410 RFMD-RF3166DPCBA-410 Datasheet
365Kb / 14P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166DSB RFMD-RF3166DSB Datasheet
365Kb / 14P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
More results

Similar Description - RF3166D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3198 RFMD-RF3198 Datasheet
333Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com