Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2861PCBA-41X Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2861PCBA-41X
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861PCBA-41X Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2861PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2861PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF2861PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2861PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2861PCBA-41X Datasheet HTML 9Page - RF Micro Devices RF2861PCBA-41X Datasheet HTML 10Page - RF Micro Devices RF2861PCBA-41X Datasheet HTML 11Page - RF Micro Devices RF2861PCBA-41X Datasheet HTML 12Page - RF Micro Devices RF2861PCBA-41X Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
8-9
RF2861
Rev A3 050902
Application Schematic
Single-End Matching
CDMA450 Band
8
7
6
5
3
4
1
2
13
14
15
16
10
9
12
11
C2*
R1*
L2*
33 nF
L1*
LO IN
2.2 nH
LO
OUT
33 nF
27 nH
27 pF
RF Saw
4
5
6
3
GND
GND
GND
GND
2
1
6.8 k
Ω
22 k
Ω
100 pF
C1*
C3*
V
CC
C4*
IF Saw
4
59
10
IF+
IF-
V
CC
V
CC
G1
TX BUFF
ENABLE
ENABLE
G2
CELL LNA IN
5.6 nH
33 nF
33 nH
33 nF
+
33 nH
2.2 pF
C5*
L3*
*Values determined by choice of IF SAW.
0603 Wire-wound Inductors


Similar Part No. - RF2861PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2861PCBA-41X RFMD-RF2861PCBA-41X Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results

Similar Description - RF2861PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com